Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS50301-HT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS50301-HT
Description  TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS50301-HT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS50301-HT_15 Datasheet HTML 5Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 6Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 7Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 8Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 9Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 10Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 11Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 12Page - Texas Instruments TPS50301-HT_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TPS50301-HT, TPS50601-SP
www.ti.com
SLVSA94H – DECEMBER 2012 – REVISED JULY 2015
7.4 Thermal Information
TPS50x01-xx
THERMAL METRIC(1)
HKH (CFP)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
39.929
°C/W
RθJB
Junction-to-board thermal resistance
43.066
°C/W
ψJT
Junction-to-top characterization parameter
14.848
°C/W
ψJB
Junction-to-board characterization parameter
22.445
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.514
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS50301-HT TPS50601-SP


Similar Part No. - TPS50301-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
[Old version datasheet]   Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
More results

Similar Description - TPS50301-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601VTDC1 TI-TPS50601VTDC1 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601-DIE TI-TPS50601-DIE_15 Datasheet
184Kb / 7P
[Old version datasheet]   TPS50601-DIE 1.6-V TO 6.3-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS50301-HT TI1-TPS50301-HT_16 Datasheet
1Mb / 41P
[Old version datasheet]   Input, 3-A/6-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com