Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51120 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS51120
Description  TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51120 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51120_15 Datasheet HTML 1Page - Texas Instruments TPS51120_15 Datasheet HTML 2Page - Texas Instruments TPS51120_15 Datasheet HTML 3Page - Texas Instruments TPS51120_15 Datasheet HTML 4Page - Texas Instruments TPS51120_15 Datasheet HTML 5Page - Texas Instruments TPS51120_15 Datasheet HTML 6Page - Texas Instruments TPS51120_15 Datasheet HTML 7Page - Texas Instruments TPS51120_15 Datasheet HTML 8Page - Texas Instruments TPS51120_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
TPS51120
www.ti.com
SLUS670C – JULY 2005 – REVISED JANUARY 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range unless otherwise noted
(1)
MIN
MAX
UNIT
VBST1, VBST2
–0.3
36
VBST1, VBST2 wrt LL
–0.3
6
Input voltage
V
VIN, EN5
–0.3
30
SKIPSEL, TONSEL, EN1, EN2, CS1, CS2,
–0.3
6
V5FILT, VFB1, VFB2, EN3, VO1, VO2
DRVH1, DRVH2
–1
36
DRVH1, DRVH2 (wrt LL)
–0.3
6
LL1, LL2
–1
30
Output voltage
V
VREF2, VREG3, VREG5, PGOOD1, PGOOD2,
–0.3
6
DRVL1, DRVL2, COMP1, COMP2
PGND1, PGND2
–0.3
0.3
VREF2
1
Source/sink current
VBST
100
mA
VREG5, VREG3 (source only)
200
TA
Operating ambient temperature
–40
85
TJ
Junction temperature
–40
125
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
255
Tstg Storage temperature
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
6.2 Recommended Operating Conditions
MIN
MAX
UNIT
Input voltage, V5FILT
4.5
5.5
V
VBST1, VBST2
-0.1
34
VBST1, VBST2 wrt LL
-0.1
5.5
Input voltage range
VIN, EN5
-0.1
28
V
SKIPSEL, TONSEL, EN1, EN2, CS1, CS2, V5FILT, VFB1, VFB2, EN3
-0.1
5.5
VO1, VO2
-0.1
5.5
DRVH1, DRVH2
-0.8
34
DRVH1, DRVH2 (wrt LL)
-0.1
5.5
LL1, LL2
-0.8
28
Output voltage range
V
VREF2, VREG5, VREG3, PGOOD1, PGOOD2, DRVL1, DRVL2, COMP1,
-0.1
5.5
COMP2
PGND1, PGND2
-0.1
0.1
VREF2
0.08
Source/sink current
VBST
50
mA
VREG5, VREF3 (source only)
100
Operating ambient temperature range, TA
-40
85
°C
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS51120


Similar Part No. - TPS51120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120RHBR TI-TPS51120RHBR Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51120RHBRG4 TI-TPS51120RHBRG4 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51120RHBT TI-TPS51120RHBT Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51120RHBTG4 TI-TPS51120RHBTG4 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
More results

Similar Description - TPS51120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51123 TI-TPS51123_15 Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
   DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com