Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51123 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS51123
Description  Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51123 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS51123_15 Datasheet HTML 7Page - Texas Instruments TPS51123_15 Datasheet HTML 8Page - Texas Instruments TPS51123_15 Datasheet HTML 9Page - Texas Instruments TPS51123_15 Datasheet HTML 10Page - Texas Instruments TPS51123_15 Datasheet HTML 11Page - Texas Instruments TPS51123_15 Datasheet HTML 12Page - Texas Instruments TPS51123_15 Datasheet HTML 13Page - Texas Instruments TPS51123_15 Datasheet HTML 14Page - Texas Instruments TPS51123_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VIN SHUTDOWN CURRENT
vs
INPUT VOLTAGE
0
5
10
15
20
25
5
10
15
20
25
VIN - Input Voltage - V
VIN SHUTDOWN CURRENT
vs
JUNCTION TEMPERATURE
0
5
10
15
20
25
-50
0
50
100
150
TJ - Junction Temperature - °C
VIN STANDBY CURRENT
vs
JUNCTION TEMPERATURE
0
50
100
150
200
250
-
50
0
50
100
150
TJ - Junction Temperature - °C
VINSTANDBY CURRENT
vs
INPUTVOLTAGE
0
50
100
150
200
250
5
10
15
20
25
VIN -InputVoltage-V
TPS51123
www.ti.com
SLUS890E – DECEMBER 2008 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS (continued)
Figure 5.
Figure 6.
Figure 7.
Figure 8.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS51123


Similar Part No. - TPS51123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGER TI1-TPS51123ARGER Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123ARGET TI1-TPS51123ARGET Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGER TI-TPS51123RGER Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123RGET TI-TPS51123RGET Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
More results

Similar Description - TPS51123_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51125 TI-TPS51125 Datasheet
870Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123 TI-TPS51123 Datasheet
909Kb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI-TPS51125A_15 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51123A TI1-TPS51123A Datasheet
1Mb / 36P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125A TI1-TPS51125A Datasheet
1Mb / 37P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio??Operation and 100-mA LDOs for Notebook System Power
TPS51125 TI1-TPS51125_16 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller With Out-of-Audio Operation and 100-mA LDOS for Notebook System Power
TPS51125A TI1-TPS51125A_17 Datasheet
1Mb / 39P
[Old version datasheet]   Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
   Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com