Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP20N65H5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKP20N65H5
Description  650V DuoPack IGBT and Diode High speed switching series fifth generation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP20N65H5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKP20N65H5 Datasheet HTML 1Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 2Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 3Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 4Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 5Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 6Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 7Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 8Page - Infineon Technologies AG IKP20N65H5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
IKP20N65H5
Highspeedswitchingseriesfifthgeneration
Rev.2.1,2014-06-11
MaximumRatings
Foroptimumlifetimeandreliability,Infineonrecommendsoperatingconditionsthatdonotexceed80%ofthemaximumratingsstatedinthisdatasheet.
Parameter
Symbol
Value
Unit
Collector-emittervoltage,Tvj
≥25°C
VCE
650
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IC
42.0
21.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
60.0
A
Turn off safe operating area
VCE
≤650V,Tvj≤175°C,tp=1µs
-
60.0
A
Diodeforwardcurrent,limitedbyTvjmax
TC=25°C
TC=100°C
IF
20.0
10.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
60.0
A
Gate-emitter voltage
TransientGate-emittervoltage(tp
≤10µs,D<0.010)
VGE
±20
±30
V
PowerdissipationTC=25°C
PowerdissipationTC=100°C
Ptot
125.0
63.0
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6 mm (0.063 in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
junction - case
Rth(j-c)
1.20
K/W
Diode thermal resistance,
junction - case
Rth(j-c)
2.20
K/W
Thermal resistance
junction - ambient
Rth(j-a)
62
K/W


Similar Part No. - IKP20N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP20N65F5 INFINEON-IKP20N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2014-06-11
More results

Similar Description - IKP20N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA08N65F5 INFINEON-IKA08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65F5 INFINEON-IKA15N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKW50N65F5 INFINEON-IKW50N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com