Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIE882DF Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SIE882DF
Description  N-Channel 25-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIE882DF Datasheet(HTML) 5 Page - Vishay Telefunken

  SIE882DF Datasheet HTML 1Page - Vishay Telefunken SIE882DF Datasheet HTML 2Page - Vishay Telefunken SIE882DF Datasheet HTML 3Page - Vishay Telefunken SIE882DF Datasheet HTML 4Page - Vishay Telefunken SIE882DF Datasheet HTML 5Page - Vishay Telefunken SIE882DF Datasheet HTML 6Page - Vishay Telefunken SIE882DF Datasheet HTML 7Page - Vishay Telefunken SIE882DF Datasheet HTML 8Page - Vishay Telefunken SIE882DF Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 65002
S09-1221-Rev. A, 29-Jun-09
www.vishay.com
5
Vishay Siliconix
SiE882DF
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Package Limited
TC - Case Temperature (°C)
Power Derating, Junction-to-Case
0
20
40
60
80
100
120
140
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SIE882DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE882DF VISHAY-SIE882DF Datasheet
207Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 29-Jun-09
SIE882DF VISHAY-SIE882DF Datasheet
230Kb / 10P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
SIE882DF-T1-GE3 VISHAY-SIE882DF-T1-GE3 Datasheet
207Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 29-Jun-09
SIE882DF VISHAY-SIE882DF_V01 Datasheet
230Kb / 10P
   N-Channel 25 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIE882DF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 31-Mar-08
SUD50N025-06P VISHAY-SUD50N025-06P Datasheet
108Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 09-May-05
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 04-Apr-11
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
   N-Channel 25-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI4630DY VISHAY-SI4630DY_17 Datasheet
174Kb / 9P
   N-Channel 25-V (D-S) MOSFET
Rev. C, 02-Feb-09
SIDR140DP VISHAY-SIDR140DP Datasheet
194Kb / 8P
   N-Channel 25 V (D-S) MOSFET
Rev. A, 27-Nov-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com