Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53126 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS53126
Description  TPS53126 Dual Synchronous Step-down Controller For Low Voltage Power Rails
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53126 Datasheet(HTML) 5 Page - Texas Instruments

  TPS53126_15 Datasheet HTML 1Page - Texas Instruments TPS53126_15 Datasheet HTML 2Page - Texas Instruments TPS53126_15 Datasheet HTML 3Page - Texas Instruments TPS53126_15 Datasheet HTML 4Page - Texas Instruments TPS53126_15 Datasheet HTML 5Page - Texas Instruments TPS53126_15 Datasheet HTML 6Page - Texas Instruments TPS53126_15 Datasheet HTML 7Page - Texas Instruments TPS53126_15 Datasheet HTML 8Page - Texas Instruments TPS53126_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TPS53126
www.ti.com
SLUS909B – MAY 2009 – REVISED AUGUST 2014
7.4 Thermal Information
TPS53126
THERMAL METRIC(1)
UNIT
PW (24 PINS)
RGE( 24 PINS)
RθJA
Junction-to-ambient thermal resistance
88.9
35.4
RθJC(top)
Junction-to-case (top) thermal resistance
26.5
39.1
RθJB
Junction-to-board thermal resistance
43.5
13.6
°C/W
ψJT
Junction-to-top characterization parameter
1.1
0.5
ψJB
Junction-to-board characterization parameter
43.0
13.6
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
3.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5
Electrical Characteristics
over recommended free-air temperature range, VIN = 12 V (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, VREG5 tied to V5FLT, EN1 =
IIN
VIN supply current
450
800
μA
EN2 = 5V, VFB1 = VFB2 = 0.8V, SW1 = SW2 = 0.5V
VIN current, TA = 25°C, No load, EN1 = EN2 = 0 V,
IVINSDN
VIN shutdown current
30
60
μA
VREG5 = ON
VFB VOLTAGE and DISCHARGE RESISTANCE
Bandgap initial regulation
VBG
TA = 25°C
-1.0%
1.0%
accuracy
TA = 25°C, TEST2 = 0 V, SWinj = OFF
755
765
775
VVFBTHLx
VFBx threshold voltage
mV
TA = –40°C to 85°C, TEST2 = 0 V, SWinj = OFF
(1)
752
778
TA = 25°C, TEST2 = V5FILT, SWinj = OFF
748
758
768
VVFBTHHx
VFBx threshold voltage
mV
TA = –40°C to 85°C, TEST2 = V5FILT, SWinj = OFF
(1)
745
771
IVFB
VFB input current
VFBx = 0.8 V, TA = 25°C
–0.01
±0.1
μA
RDischg
VO discharge resistance
ENx = 0 V, VOx = 0.5 V, TA = 25°C
40
80
VREG5 OUTPUT
TA = 25°C, 5.5 V < VIN < 24 V,
VVREG5
VREG5 output voltage
4.6
5.0
5.2
V
0 < IVREG5 < 10 mA
VLN5
Line regulation
5.5 V < VIN < 24 V, IVREG5 = 10 mA
20
mV
VLD5
Load regulation
1 mA < IVREG5 < 10 mA
40
mV
IVREG5
Output current
VIN = 5.5 V, VVREG5 = 4 V, TA = 25°C
170
mA
OUTPUT: N-CHANNEL MOSFET GATE DRIVERS
Source, IDRVHx = –100 mA
5.5
11
RDRVH
DRVH resistance
Sink, IDRVHx = 100 mA
2.5
5
Source, IDRVLx = –100 mA
4
12
RDRVL
DRVL resistance
Sink, IDRVLx = 100 mA
2
4
INTERNAL BOOST DIODE
VFBST
Forward voltage
VVREG5-VBSTx, IF = 10 mA, TA = 25°C
0.7
0.8
0.9
V
IVBSTLK
VBST leakage current
VBSTx = 29 V, SWx = 24 V, TA = 25°C
0.1
1
μA
SOFT START
Tss
Internal SS time
Internal soft start VFBx = 0.735 V
0.85
1.2
1.4
ms
UVLO
Wake up
3.7
4.0
4.3
VUV5VFILT
V5FILT UVLO threshold
V
Hysteresis
0.2
0.3
0.4
(1)
Ensured by design. Not production tested.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS53126


Similar Part No. - TPS53126_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53126PW TI-TPS53126PW Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126PWR TI-TPS53126PWR Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126RGER TI-TPS53126RGER Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126RGET TI-TPS53126RGET Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Similar Description - TPS53126_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com