Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S2011 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S2011
Description  2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S2011 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S2011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S2011 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-60
-50
-40
-30
-20
0.01
5.01
10.01
15.01
20.01
25.00
30.00
35.00
40.00
Freq.(GHz)
Isolation
Isolation
2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To +30 dBm from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
PE71S2011 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To +30 dBm
PE71S2011
PIN Diode Switches Technical Data Sheet
PE71S2011
2.92mm SPST PIN Diode Switch Operating
From 50 MHz to 40 GHz Up To +30 dBm


Similar Part No. - PE71S2011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
   SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2012 PASTERNACK-PE71S2012 Datasheet
485Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
   SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
More results

Similar Description - PE71S2011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S2012 PASTERNACK-PE71S2012 Datasheet
485Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 30 dBm
PE71S2020 PASTERNACK-PE71S2020 Datasheet
432Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2019 PASTERNACK-PE71S2019 Datasheet
451Kb / 6P
   2.92mm SPST PIN Diode Switch Operating From 2 GHz to 40 GHz Up To 30 dBm
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
   SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE7169 PASTERNACK-PE7169 Datasheet
268Kb / 3P
   50 Ohm 2.92mm SPST PIN Diode Switch Operating From 500 MHz to 40 GHz Up To 20 dBm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
   SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com