Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54040A Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54040A
Description  0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54040A Datasheet(HTML) 3 Page - Texas Instruments

  TPS54040A_15 Datasheet HTML 1Page - Texas Instruments TPS54040A_15 Datasheet HTML 2Page - Texas Instruments TPS54040A_15 Datasheet HTML 3Page - Texas Instruments TPS54040A_15 Datasheet HTML 4Page - Texas Instruments TPS54040A_15 Datasheet HTML 5Page - Texas Instruments TPS54040A_15 Datasheet HTML 6Page - Texas Instruments TPS54040A_15 Datasheet HTML 7Page - Texas Instruments TPS54040A_15 Datasheet HTML 8Page - Texas Instruments TPS54040A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
TPS54040A
www.ti.com
SLVSB58A – MARCH 2012 – REVISED JANUARY 2014
THERMAL INFORMATION
TPS54040A
THERMAL METRIC(1)
UNITS
DGQ (10 PINS)
DRC (10 PINS)
θJA
Junction-to-ambient thermal resistance (standard board)
62.5
40
θJCtop
Junction-to-case (top) thermal resistance
83
65
θJB
Junction-to-board thermal resistance
28
8
°C/W
ψJT
Junction-to-top characterization parameter
1.7
0.6
ψJB
Junction-to-board characterization parameter
20.1
7.5
θJCbot
Junction-to-case (bottom) thermal resistance
21
7.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
TJ = –40°C to 150°C, VIN = 3.5 to 42V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
3.5
42
V
Internal undervoltage lockout
No voltage hysteresis, rising and falling
2.5
V
threshold
Shutdown supply current
EN = 0 V, 25°C, 3.5 V
≤ VIN ≤ 42 V
1.3
4
μA
Operating : nonswitching supply
VSENSE = 0.83 V, VIN = 12 V, 25°C
116
136
current
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling
1.11
1.25
1.36
V
Enable threshold +50 mV
–3.8
Input current
μA
Enable threshold –50 mV
–0.9
Hysteresis current
1.91
2.95
3.99
μA
VOLTAGE REFERENCE
TJ = 25°C
0.792
0.8
0.808
Voltage reference
V
0.784
0.8
0.816
HIGH-SIDE MOSFET
VIN = 3.5 V, BOOT-PH = 3 V
300
On-resistance
m
VIN = 12 V, BOOT-PH = 6 V
200
410
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM) –2 μA < ICOMP < 2 μA, VCOMP = 1 V
97
μMhos
–2
μA < ICOMP < 2 μA, VCOMP = 1 V,
Error amplifier transconductance (gM)
26
μMhos
during slow start
VVSENSE = 0.4 V
Error amplifier dc gain
VVSENSE = 0.8 V
10,000
V/V
Error amplifier bandwidth
2700
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100 mV overdrive
±7
μA
COMP to switch current
1.9
A/V
transconductance
CURRENT LIMIT
Current limit threshold
VIN = 12 V, TJ = 25°C
0.6
0.94
A
THERMAL SHUTDOWN
Thermal shutdown
182
°C
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54040A


Similar Part No. - TPS54040A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results

Similar Description - TPS54040A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI-TPS57040-Q1_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS57040-Q1 0.5-A 42-V Step-Down DC-DC Converter With Eco-mode?
TPS54060-EP TI1-TPS54060-EP Datasheet
2Mb / 49P
[Old version datasheet]   0.5-A, 60-V Step-Down DC/DC Converter With Eco-Mode
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54140A TI-TPS54140A_15 Datasheet
2Mb / 58P
[Old version datasheet]   TPS54140A 1.5-A, 42-V Step-Down DC/DC Converter with Eco-mode?
TPS57060-Q1 TI-TPS57060-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   0.5-A 60-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com