Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54061-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54061-Q1
Description  Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54061-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54061-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS54061-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TPS54061-Q1
SLVSBM7 – MARCH 2013
www.ti.com
OVERVIEW
The TPS54061-Q1 device is a 60 V, 200 mA, step-down (buck) regulator with integrated high-side and low-side
n-channel MOSFETs. To improve performance during line and load transients, the device implements a
constant-frequency, current-mode control which reduces output capacitance and simplifies external frequency-
compensation design.
The switching frequency of 50 kHz to 1100 kHz allows for efficiency and size optimization when selecting the
output filter components. Adjustment of the switching frequency is by use of a resistor to ground on the RT/CLK
pin. The device has an internal phase-lock loop (PLL) on the RT/CLK pin that synchronizes the power-switch
turnon to a falling edge of an external system clock.
The TPS54061-Q1 has a default start-up voltage of approximately 4.5 V. The EN pin has an internal pullup
current source, a possible use of which is to adjust the input voltage undervoltage lockout (UVLO) threshold with
two external resistors. In addition, the pullup current provides a default condition. When the EN pin is floating, the
device operates. The operating current is 90 µA when not switching and under no load. When the device is
disabled, the supply current is 1.4 µA.
The integrated 1.5-
Ω high-side MOSFET and 0.8-Ω low-side MOSFET allow for high-efficiency power-supply
designs capable of delivering 200 milliamperes of continuous current to a load.
The TPS54061-Q1 reduces the external component count by integrating the boot recharge diode. A capacitor
between the BOOT and PH pins supplies the bias voltage for the integrated high-side MOSFET. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high side MOSFET off when the boot voltage
falls below a preset threshold. The TPS54061-Q1 can operate at high duty cycles because of the boot UVLO.
The output voltage can be adjusted down to as low as the 0.8 V reference.
The TPS54061-Q1 has an internal output OV protection that disables the high side MOSFET if the output voltage
is 109% of the nominal output voltage.
The TPS54061-Q1 reduces external component count by integrating the slow start time using a reference DAC
system.
The TPS54061-Q1 resets the slow start times during overload conditions with an overload recovery circuit. The
overload recovery circuit will slow start the output from the fault voltage to the nominal regulation voltage once a
fault condition is removed. A frequency foldback circuit reduces the switching frequency during startup and
overcurrent fault conditions to help control the inductor current.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54061-Q1


Similar Part No. - TPS54061-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061-Q1 TI1-TPS54061-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Step-Down DC?밆C Converter
More results

Similar Description - TPS54061-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54062 TI1-TPS54062_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
TPS54062 TI-TPS54062_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54062 4.7-V to 60-V Input, 50-mA Synchronous Step-Down Converter With Low IQ
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Texas Instruments
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
logo
Linear Technology
LTC3895 LINER-LTC3895 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7801 LINER-LTC7801 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Texas Instruments
LMR51440 TI-LMR51440 Datasheet
2Mb / 39P
[Old version datasheet]   LMR514x0, 36-V, 4-A/5-A Synchronous Step-Down DC/DC Converter With Low IQ
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com