Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A80 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A80
Description  NEON with SIMD and VFPv4 support
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A80 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button A80 Datasheet HTML 2Page - List of Unclassifed Manufacturers A80 Datasheet HTML 3Page - List of Unclassifed Manufacturers A80 Datasheet HTML 4Page - List of Unclassifed Manufacturers A80 Datasheet HTML 5Page - List of Unclassifed Manufacturers A80 Datasheet HTML 6Page - List of Unclassifed Manufacturers A80 Datasheet HTML 7Page - List of Unclassifed Manufacturers A80 Datasheet HTML 8Page - List of Unclassifed Manufacturers A80 Datasheet HTML 9Page - List of Unclassifed Manufacturers A80 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
A80 Datasheet (Revision 1.0)
Copyright © 2014 Allwinner Technology Co., Ltd. All Rights Reserved.
P
age 6
Features
2 FEATURES
2.1. CPU Architecture
The A80 platform is based on octa-core big. LITTLE CortexTM-A15/7 CPU architecture.
● ARMv7 ISA standard instruction set plus Thumb-2 and Jazeller RCT
● NEON with SIMD and VFPv4 support
● Support LPAE
● Support 32KB I-cache and 32KB D-cache per CPU
● Support 2MB+512KB L2 cache
2.2. GPU
● PowerVR 64-core G6230 GPU
● Support OpenGL ES 1.1/2.0/3.0, OpenCL 1.1, DirectX 9.3 standards
● Geometry ability up to 133M/s
● Effective pixel ability up to 5.33G/s
● Support up to 85 GFLOPs


Similar Part No. - A80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80 MACOM-A80 Datasheet
356Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
A80 MA-COM-A80 Datasheet
1Mb / 2P
   Cascadable Amplifier
A80 MA-COM-A80 Datasheet
635Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
   10 TO 200 MHz CASCADABLE AMPLIFIER
A80-1 MACOM-A80-1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 200 MHz
More results

Similar Description - A80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A23 ETC2-A23 Datasheet
1Mb / 35P
   NEON with SIMD and VFPv4 support
logo
Elektron Components Ltd...
0145AA BULGIN-0145AA Datasheet
85Kb / 2P
   Neon Indicatiors (Neon, LED and Filament Lamps)
logo
List of Unclassifed Man...
CLM3500 ETC-CLM3500 Datasheet
49Kb / 2P
   NEON PHOTOCONDUCTOR
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7782 AD-ADV7782 Datasheet
87Kb / 2P
   APIX2 Receiver with LVDS, HDCP, and MIPI Support
logo
List of Unclassifed Man...
701800-Color-2 ETC2-701800-Color-2 Datasheet
344Kb / 2P
   Neon-inspired tubing
logo
Visual Communications C...
A1G VCC-A1G Datasheet
77Kb / 2P
   Neon Indicator Lamps
logo
List of Unclassifed Man...
CLM3120 ETC-CLM3120 Datasheet
67Kb / 2P
   PHOTOMODS NEON MODULES
CLM3700 ETC-CLM3700 Datasheet
50Kb / 2P
   Neon Photoconductor Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com