Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGF148 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BGF148
Description  7 line ESD and EMI interface protection device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF148 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BGF148 Datasheet HTML 4Page - Infineon Technologies AG BGF148 Datasheet HTML 5Page - Infineon Technologies AG BGF148 Datasheet HTML 6Page - Infineon Technologies AG BGF148 Datasheet HTML 7Page - Infineon Technologies AG BGF148 Datasheet HTML 8Page - Infineon Technologies AG BGF148 Datasheet HTML 9Page - Infineon Technologies AG BGF148 Datasheet HTML 10Page - Infineon Technologies AG BGF148 Datasheet HTML 11Page - Infineon Technologies AG BGF148 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BGF148
Typical Characteristics
Final Datasheet
8
Revision 1.9.2, 2014-04-02
Figure 3-3 Measurement setup for clamping voltage
Figure 3-4 Clamping voltage (TLP):
I
TLP = f(VTLP) according ANSI/ESDSTM5.5.1-Electrostatistic
Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model. TLP conditions:
Z
0 =50 Ω, tp =100 ns, tr =0.6 ns, ITLP and VTLP average window: t1 =30ns to t2 =60ns,
extraction of dynamic resistance using squares fit to TLP characteristics between
I
TLP1 =2A
and
I
TLP2 = 15 A. Please refer to Application Note AN210[1]
BGF148_VCL.vsd
R_ESD/EMI
clk_“SD“
BGF148 clamping voltage measurement
clk_“host“
clamping voltage
@ internal pin
ESD current into
external pin
0
2
4
6
8
10
12
14
16
18
20
22
24
0
2
4
6
8
10
12
14
VTLP [V]
BGF148
RDYN
RDYN = 0.03 Ω


Similar Part No. - BGF148

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF104C INFINEON-BGF104C Datasheet
95Kb / 6P
   HSMMC Inter face Fi l ter and ESD Protect ion
V2.0, November 2009
BGF106C INFINEON-BGF106C Datasheet
571Kb / 7P
   SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
   SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
BGF108C INFINEON-BGF108C Datasheet
586Kb / 7P
   7 Channel LCD Filter Array with ESD Protection
V2.0, Dec 2008
BGF108L INFINEON-BGF108L Datasheet
245Kb / 7P
   7 Channel LCD Filter Array with ESD Protection
V3.0, October 2008
More results

Similar Description - BGF148

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF07-LCD03F3 STMICROELECTRONICS-EMIF07-LCD03F3 Datasheet
431Kb / 7P
   7-line IPAD?? EMI filter and ESD protection
EMIF06-AUD01F2 STMICROELECTRONICS-EMIF06-AUD01F2 Datasheet
943Kb / 14P
   6-line EMI filter and ESD protection for audio interface
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3 Datasheet
287Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF07-LCD02F3 STMICROELECTRONICS-EMIF07-LCD02F3_10 Datasheet
273Kb / 8P
   7-line IPAD?? EMI filter and ESD protection for LCD and cameras
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
   6 line EMI filter and ESD protection
EMIF02-MIC03F2 STMICROELECTRONICS-EMIF02-MIC03F2 Datasheet
260Kb / 6P
   2 LINE EMI FILTER AND ESD PROTECTION
EMIF02-SPK01C2 STMICROELECTRONICS-EMIF02-SPK01C2 Datasheet
311Kb / 7P
   2 line EMI filter and ESD protection
EMIF02-MIC03C2 STMICROELECTRONICS-EMIF02-MIC03C2 Datasheet
285Kb / 7P
   2 line EMI filter and ESD protection
EMIF02-SPK01F2 STMICROELECTRONICS-EMIF02-SPK01F2 Datasheet
271Kb / 7P
   2 LINE EMI FILTER AND ESD PROTECTION
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3 Datasheet
413Kb / 8P
   9 line EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com