Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54140A Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54140A
Description  TPS54140A 1.5-A, 42-V Step-Down DC/DC Converter with Eco-mode?
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54140A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54140A_15 Datasheet HTML 6Page - Texas Instruments TPS54140A_15 Datasheet HTML 7Page - Texas Instruments TPS54140A_15 Datasheet HTML 8Page - Texas Instruments TPS54140A_15 Datasheet HTML 9Page - Texas Instruments TPS54140A_15 Datasheet HTML 10Page - Texas Instruments TPS54140A_15 Datasheet HTML 11Page - Texas Instruments TPS54140A_15 Datasheet HTML 12Page - Texas Instruments TPS54140A_15 Datasheet HTML 13Page - Texas Instruments TPS54140A_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
=0.83V
I
I(VSENSE)
90
100
110
120
130
140
0
20
40
V -InputVoltage-V
I
T =25 C,
V
=0.83V
J
I(VSENSE)
o
0
0.5
1
1.5
2
0
10
20
30
40
V -InputVoltage-V
I
T =25°C
J
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
V
-V
SENSE
V =12V,
T =25°C
I
J
100
105
110
115
120
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
TPS54140A
SLVSB55C – MAY 2012 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 13. SS/TR Discharge Current vs Junction
Figure 14. Switching Frequency vs VSENSE
Temperature
Figure 15. Shutdown Supply Current vs Junction
Figure 16. Shutdown Supply Current vs Input Voltage (Vin)
Temperature
Figure 18. VIN Supply Current vs Input Voltage
Figure 17. VIN Supply Current vs Junction Temperature
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS54140A


Similar Part No. - TPS54140A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54140ADGQ TI1-TPS54140ADGQ Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADGQR TI1-TPS54140ADGQR Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADRC TI1-TPS54140ADRC Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADRCR TI1-TPS54140ADRCR Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS54140ADRCT TI1-TPS54140ADRCT Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54140A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54140A TI1-TPS54140A Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI-TPS54040A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5 A, 42 V Step Down DC/DC Converter with Eco-mode?
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com