Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44647K Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44647K
Description  FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44647K Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44647K Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44647K Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44647K Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
FAKRA Plug Connector Crimp/Solder Attachment
For PE-C100, RG174, RG316, Curry Color
FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Curry Color
Configuration
Connector
FAKRA Plug
Connector Interface Type
PE-C100,RG174,RG316
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.3:1
Dielectric Withstanding Voltage, Vrms
800
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
0.035 [0.89]
Width/Dia., in [mm]
0.37 [9]
Height, in [mm]
0.433 [11]
.
Weight, lbs [g]
0.008 [3.63]
Color
Curry
Connector
Type
FAKRA Plug
Contact Material and Plating
Phosphor Bronze, Gold
Outer Conductor Material and Plating
Brass, Nickel
Body Material and Plating
Plastic, Paint
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44647K
PE44647K
PE44647K REV


Similar Part No. - PE44647K

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44647A PASTERNACK-PE44647A Datasheet
222Kb / 3P
   FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Color
PE44647B PASTERNACK-PE44647B Datasheet
297Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PE44647C PASTERNACK-PE44647C Datasheet
298Kb / 3P
   FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44647D PASTERNACK-PE44647D Datasheet
222Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44647H PASTERNACK-PE44647H Datasheet
298Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
More results

Similar Description - PE44647K

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44646K PASTERNACK-PE44646K Datasheet
229Kb / 3P
   FAKRA Jack Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44648K PASTERNACK-PE44648K Datasheet
301Kb / 2P
   FAKRA Jack Right Angle Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Curry Color
PE44647D PASTERNACK-PE44647D Datasheet
222Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Bordeaux Color
PE44647H PASTERNACK-PE44647H Datasheet
298Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Violet Color
PE44647B PASTERNACK-PE44647B Datasheet
297Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, White Color
PE44647C PASTERNACK-PE44647C Datasheet
298Kb / 3P
   FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Blue Color
PE44647A PASTERNACK-PE44647A Datasheet
222Kb / 3P
   FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Black Color
PE44647I PASTERNACK-PE44647I Datasheet
297Kb / 3P
   FAKRA Plug Connector Crimp-Solder Attachment For PE-C100, RG174, RG316, Beige Color
PE44647Z PASTERNACK-PE44647Z Datasheet
224Kb / 3P
   FAKRA Plug Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Water Blue Color
PE44646H PASTERNACK-PE44646H Datasheet
303Kb / 3P
   FAKRA Jack Connector Crimp/Solder Attachment For PE-C100, RG174, RG316, Violet Color
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com