Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1308EDL Datasheet(PDF) 9 Page - Vishay Telefunken

Part # SI1308EDL
Description  N-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI1308EDL Datasheet(HTML) 9 Page - Vishay Telefunken

Back Button SI1308EDL Datasheet HTML 3Page - Vishay Telefunken SI1308EDL Datasheet HTML 4Page - Vishay Telefunken SI1308EDL Datasheet HTML 5Page - Vishay Telefunken SI1308EDL Datasheet HTML 6Page - Vishay Telefunken SI1308EDL Datasheet HTML 7Page - Vishay Telefunken SI1308EDL Datasheet HTML 8Page - Vishay Telefunken SI1308EDL Datasheet HTML 9Page - Vishay Telefunken SI1308EDL Datasheet HTML 10Page - Vishay Telefunken SI1308EDL Datasheet HTML 11Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN813
Vishay Siliconix
www.vishay.com
2
Document Number: 71236
12-Dec-03
THERMAL PERFORMANCE
Junction-to-Foot Thermal Resistance
(the Package Performance)
Thermal performance for the 3-pin SC-70 measured as
junction-to-foot thermal resistance is 285_C/W typical,
340_C/W maximum. Junction-to-foot thermal resistance for
the 6-pin SC70-6 is 105_C/W typical, 130_C/W maximum —
a nearly two-thirds reduction compared with the 3-pin device.
The “foot” is the drain lead of the device as it connects with the
body. This improved performance is obtained by the increase
in drain leads from one to four on the 6-pin SC-70. Note that
these numbers are somewhat higher than other LITTLE FOOT
devices due to the limited thermal performance of the Alloy 42
lead-frame compared with a standard copper lead-frame.
Junction-to-Ambient Thermal Resistance
(dependent on PCB size)
The typical RθJAfor the single 3-pin SC-70 is 360_C/W steady
state, compared with 180_C/W for the 6-pin SC-70. Maximum
ratings are 430_C/W for the 3-pin device versus 220_C/W for
the 6-pin device. All figures are based on the 1-inch square
FR4 test board.The following table shows how the thermal
resistance impacts power dissipation for the two different
pin-outs at two different ambient temperatures.
SC-70 (3-PIN)
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
360oC W
PD + 347 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
360oC W
PD + 250 mW
SC-70 (6-PIN)
Room Ambient 25 _C
Elevated Ambient 60 _C
PD +
TJ(max) * TA
RqJA
PD +
150oC * 25oC
180oC W
PD + 694 mW
PD +
TJ(max) * TA
RqJA
PD +
150oC * 60oC
180oC W
PD + 500 mW
NOTE: Although they are intended for low-power applications,
devices in the 6-pin SC-70 will handle power dissipation in
excess of 0.5 W.
Testing
To aid comparison further, Figures 3 and 4 illustrate
single-channel SC-70 thermal performance on two different
board sizes and two different pad patterns. The results display
the thermal performance out to steady state and produce a
graphic account of the thermal performance variation between
the two packages. The measured steady state values of RθJA
for the single 3-pin and 6-pin SC-70 are as follows:
LITTLE FOOT SC-70
3-Pin
6-Pin
1) Minimum recommended pad pattern
(see Figure 4) on the EVB.
410.31_C/W
329.7_C/W
2) Industry standard 1” square PCB with
maximum copper both sides.
360_C/W
211.8_C/W
The results show that designers can reduce thermal
resistance RθJA on the order of 20% simply by using the 6-pin
device rather than the 3-pin device. In this example, a 80_C/W
reduction was achieved without an increase in board area. If
increasing board size is an option, a further 118_C/W reduction
could be obtained by utilizing a 1-inch square PCB area.
Time (Secs)
FIGURE 3.
Comparison of SC70-3 and SC70-6 on EVB
0
1
400
80
160
100
1000
240
10
10-1
10-2
10-3
10-4
10-5
0.5 in x 0.6 in EVB
3-pin
320
Time (Secs)
FIGURE 4.
Comparison of SC70-3 and SC70-6 on 1”
Square FR4 PCB
0
1
400
80
160
100
1000
240
10
10-1
10-2
10-3
10-4
10-5
1” Square FR4 PCB
320
6-pin
3-pin
6-pin


Similar Part No. - SI1308EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL Datasheet
260Kb / 11P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 06-Oct-14
SI1308EDL VISHAY-SI1308EDL Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI1308EDL TECHPUBLIC-SI1308EDL Datasheet
1Mb / 3P
   N-Channel Enhancement Mode MOSFET
logo
Vishay Siliconix
SI1308EDL VISHAY-SI1308EDL_V01 Datasheet
259Kb / 11P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1308EDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com