Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDP40E65D2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IDP40E65D2
Description  Qualified according to JEDEC for target applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDP40E65D2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IDP40E65D2 Datasheet HTML 1Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 2Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 3Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 4Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 5Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 6Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 7Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 8Page - Infineon Technologies AG IDP40E65D2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
IDP40E65D2
EmitterControlledDiode
Rev.2.2,2014-03-31
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
36
-
ns
Diode reverse recovery charge
Qrr
-
0.40
-
µC
Diode peak reverse recovery current
Irrm
-
22.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-10000
-
A/µs
Tvj=25°C,
VR=400V,
IF=40.0A,
diF/dt=1000A/µs
Diode reverse recovery time
trr
-
75
-
ns
Diode reverse recovery charge
Qrr
-
0.13
-
µC
Diode peak reverse recovery current
Irrm
-
2.9
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-54
-
A/µs
Tvj=25°C,
VR=400V,
IF=40.0A,
diF/dt=200A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DiodeCharacteristic,atTvj=175°C/125°C
Diode reverse recovery time
trr
-
60
-
ns
Diode reverse recovery charge
Qrr
-
1.14
-
µC
Diode peak reverse recovery current
Irrm
-
32.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-8700
-
A/µs
Tvj=175°C,
VR=400V,
IF=40.0A,
diF/dt=1000A/µs
Diode reverse recovery time
trr
-
83
-
ns
Diode reverse recovery charge
Qrr
-
0.32
-
µC
Diode peak reverse recovery current
Irrm
-
5.6
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-51
-
A/µs
Tvj=125°C,
VR=400V,
IF=40.0A,
diF/dt=200A/µs


Similar Part No. - IDP40E65D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDP45E60 INFINEON-IDP45E60 Datasheet
198Kb / 9P
   Fast Switching EmCon Diode
Rev.2 2003-07-31
IDP45E60 INFINEON-IDP45E60 Datasheet
862Kb / 8P
   Fast Switching Diode Product
Rev.2.4 2009-09-28
IDP45E60 INFINEON-IDP45E60_09 Datasheet
862Kb / 8P
   Fast Switching Diode Product
Rev.2.4 2009-09-28
IDP45E60 INFINEON-IDP45E60_14 Datasheet
518Kb / 8P
   Fast Switching Emitter Controlled Diode
2013-12-05 revision:2.5
More results

Similar Description - IDP40E65D2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW15E65D2 INFINEON-IDW15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDP08E65D2 INFINEON-IDP08E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-28
IDP15E65D2 INFINEON-IDP15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDW40E65D2 INFINEON-IDW40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.1,2013-12-16
IDW50E60 INFINEON-IDW50E60 Datasheet
1Mb / 11P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-02-24
IHW50N65R5 INFINEON-IHW50N65R5 Datasheet
1Mb / 15P
   Qualified according to JESD-022 for target applications
Rev.2.3,2014-12-16
IPD03N03LA INFINEON-IPD03N03LA Datasheet
304Kb / 9P
   Ideal for high-frequency dc/dc converters Qualified according to JEDEC for target applications
Rev. 0.93 2004-10-27
logo
P-tec Corporation
PDC562SM-CXMRGB1 P-TEC-PDC562SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC56SM-CXMRGB1 P-TEC-PDC56SM-CXMRGB1 Datasheet
940Kb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
PDC563SM-CXMRGB1 P-TEC-PDC563SM-CXMRGB1 Datasheet
1Mb / 10P
   Qualified according to JEDEC moisture sensitivity level 2A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com