Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4172DY Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI4172DY
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4172DY Datasheet(HTML) 1 Page - Vishay Telefunken

  SI4172DY Datasheet HTML 1Page - Vishay Telefunken SI4172DY Datasheet HTML 2Page - Vishay Telefunken SI4172DY Datasheet HTML 3Page - Vishay Telefunken SI4172DY Datasheet HTML 4Page - Vishay Telefunken SI4172DY Datasheet HTML 5Page - Vishay Telefunken SI4172DY Datasheet HTML 6Page - Vishay Telefunken SI4172DY Datasheet HTML 7Page - Vishay Telefunken SI4172DY Datasheet HTML 8Page - Vishay Telefunken SI4172DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4172DY
Document Number: 69000
S-82665-Rev. A, 03-Nov-08
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
Optimized for High-Side Synchronous
Rectifier Operation
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Notebook CPU Core
- High-Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
30
0.012 at VGS = 10 V
15
6.8 nC
0.015 at VGS = 4.5 V
13
Ordering Information: Si4172DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
G
D
S
Notes:
a. Base on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
15
A
TC = 70 °C
12
TA = 25 °C
11b, c
TA = 70 °C
9b, c
Pulsed Drain Current
IDM
50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
3.8
TA = 25 °C
2.1b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
22
Avalanche Energy
EAS
24
mJ
Maximum Power Dissipation
TC = 25 °C
PD
4.5
W
TC = 70 °C
2.8
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
38
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
22
28


Similar Part No. - SI4172DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4172DY VISHAY-SI4172DY Datasheet
124Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 03-Nov-08
logo
SHENZHEN DOINGTER SEMIC...
SI4172DY DOINGTER-SI4172DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Tyco Electronics
SI4172DY-T1-GE3 MACOM-SI4172DY-T1-GE3 Datasheet
107Kb / 1P
   Specification Status: Released
logo
Vishay Siliconix
SI4172DY-T1-GE3 VISHAY-SI4172DY-T1-GE3 Datasheet
258Kb / 10P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 03-Nov-08
More results

Similar Description - SI4172DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com