Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54226 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54226
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54226 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54226_15 Datasheet HTML 1Page - Texas Instruments TPS54226_15 Datasheet HTML 2Page - Texas Instruments TPS54226_15 Datasheet HTML 3Page - Texas Instruments TPS54226_15 Datasheet HTML 4Page - Texas Instruments TPS54226_15 Datasheet HTML 5Page - Texas Instruments TPS54226_15 Datasheet HTML 6Page - Texas Instruments TPS54226_15 Datasheet HTML 7Page - Texas Instruments TPS54226_15 Datasheet HTML 8Page - Texas Instruments TPS54226_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
V
-50mA/div
OUT
I
-1 A/div
OUT
100
s/div
m
TPS54226
www.ti.com
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Check for Samples: TPS54226
1
FEATURES
APPLICATIONS
23
D-CAP2
™ Mode Enables Fast Transient
Wide Range of Applications for Low Voltage
Response
System
Low Output Ripple and Allows Ceramic Output
– Digital TV Power Supply
Capacitor
– High Definition Blu-ray Disc™ Players
Wide VCC Input Voltage Range: 4.5 V to 18 V
– Networking Home Terminal
Wide VIN Input Voltage Range: 2 V to 18 V
– Digital Set Top Box (STB)
Output Voltage Range: 0.76 V to 5.5 V
DESCRIPTION
Highly Efficient Integrated FET
’s Optimized
The TPS54226 is a adaptive on-time D-CAP2
for Lower Duty Cycle Applications
mode synchronous buck converter. TheTPS54226
– 160 mΩ (High Side) and 110 mΩ (Low Side)
enables system designers to complete the suite of
High Efficiency, less than 10
μA at shutdown
various end equipment
’s power bus regulators with a
Auto-Skip Eco-Mode
™ for High Efficiency at
cost effective, low component count, low standby
Light Load
current solution. The main control loop for the
TPS54226 uses the D-CAP2
™ mode control which
High Initial Bandgap Reference Accuracy
provides a fast transient response with no external
Adjustable Soft Start
compensation components. The adoptive on-time
Pre-Biased Soft Start
control supports seamless operation between PWM
mode at heavy load condition and reduced frequency
700-kHz Switching Frequency (fSW)
Eco-Mode
™ operation at light load for high efficiency.
Cycle By Cycle Over Current Limit
The TPS54226 also has a proprietary circuit that
Power Good Output
enables the device to adopt to both low equivalent
series resistance (ESR) output capacitors, such as
Auto-Skip Mode
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 18-V
VCC input, and from 2-V to 18-V VIN input power
supply
voltage.
The
output
voltage
can
be
programmed between 0.76 V and 5.5 V. The device
also features an adjustable slow start time and a
power good function. The TPS54226 is available in
the 14 pin HTSSOP or 16 pin QFN package, and
designed to operate from
–40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-Mode, PowerPAD are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54226_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
More results

Similar Description - TPS54226_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_17 Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com