Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4712DY Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SI4712DY
Description  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4712DY Datasheet(HTML) 2 Page - Vishay Telefunken

  SI4712DY Datasheet HTML 1Page - Vishay Telefunken SI4712DY Datasheet HTML 2Page - Vishay Telefunken SI4712DY Datasheet HTML 3Page - Vishay Telefunken SI4712DY Datasheet HTML 4Page - Vishay Telefunken SI4712DY Datasheet HTML 5Page - Vishay Telefunken SI4712DY Datasheet HTML 6Page - Vishay Telefunken SI4712DY Datasheet HTML 7Page - Vishay Telefunken SI4712DY Datasheet HTML 8Page - Vishay Telefunken SI4712DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 65170
S09-1814-Rev. A, 14-Sep-09
Vishay Siliconix
Si4712DY
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
30
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID= 1 mA
1.2
2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
0.028
0.2
mA
VDS = 30 V, VGS = 0 V, TJ = 100 °C
220
On -State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 15 A
0.0105
0.013
Ω
VGS = 4.5 V, ID = 10 A
0.013
0.0165
Forward Transconductancea
gfs
VDS = 15 V, ID = 15 A
37
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1084
pF
Output Capacitance
Coss
200
Reverse Transfer Capacitance
Crss
77
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
18.5
28
nC
VDS = 15 V, VGS = 4.5 V, ID = 10 A
8.3
12.5
Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
2.0
Gate Resistance
Rg
f = 1 MHz
0.3
1.2
2.4
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
16
30
ns
Rise Time
tr
18
35
Turn-Off Delay Time
td(off)
15
30
Fall Time
tf
10
20
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
816
Rise Time
tr
11
22
Turn-Off Delay Time
td(off)
17
34
Fall Time
tf
918
Drain-Source Body Diode and Schottky Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
4.5
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 1 A
0.48
0.65
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
17
34
ns
Body Diode Reverse Recovery Charge
Qrr
714
nC
Reverse Recovery Fall Time
ta
10
ns
Reverse Recovery Rise Time
tb
7


Similar Part No. - SI4712DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4712DY VISHAY-SI4712DY Datasheet
246Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 14-Sep-09
SI4712DY-T1-GE3 VISHAY-SI4712DY-T1-GE3 Datasheet
246Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 14-Sep-09
More results

Similar Description - SI4712DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com