Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

800-012 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 800-012
Description  PC Tail or Solder Cup PCB Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

800-012 Datasheet(HTML) 1 Page - Glenair, Inc.

  800-012 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
C-12
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
C
Series 800 Mighty Mouse UN Mating Thread
PC Tail or Solder Cup PCB Receptacle
800-012 and 800-040 Ordering Information
Printed Circuit Board/ Solder Cup Receptacles feature low profile shells for
minimum protrusion inside enclosures and integral board standoffs. Contacts are
non-removable.
Water Immersion, Unmated Specify 800-012 connectors for applications where
open face water immersion is not a requirement. For MIL-STD-810 Method 512G
immersion requirements, specify 800-040 watertight connectors . These 800-040
connectors are specially sealed (“MOD-518”) and are 100% tested to maintain a
helium leak rate of 1 x 10-4cc/second at one atmosphere pressure differential from
-40C to +70C.
How To Order
Sample Part Number
800-012
-07
M
7-10
P
Z
Series
800-012 =
Receptacle for Solder Cup or PCB Termination, with Standard
Epoxy Potting
800-040 =
Receptacle for Solder Cup or PCB Termination, With Special
“MOD-518” Sealing For Open Face (Unmated) Water Immersion
Requirements. 100% Leak Tested.
Shell Style (See Table I)
-02 = Square Flange
-07 = Jam Nut
(See Jam Nut Panel Cutout Dimensions Page C-3)
Shell Material and Finish
C = Aluminum / Black Anodize (Non-Conductive) RoHS Compliant
M = Aluminum / Electroless Nickel RoHS Compliant
NF = Aluminum / Cadmium with Olive Drab Chromate
ZNU = Aluminum / Zinc-Nickel with Black Chromate
MT = Aluminum / Nickel-PTFE RoHS Compliant
Z1 = Stainless Steel / Passivated RoHS Compliant
Shell Size - Insert
Arrangement
See Contact Arrangements page C-2
Contact Type
P = Pin, PC Tail
E = Pin, Solder Cup
S = Socket , PC Tail
F = Socket, Solder Cup
Shell Key Position
(See Table II)
N = Normal X = Pos. X Y = Pos. Y Z = Pos. Z
Table I: Shell Style
-02
Square Flange Front Mount
-07
Jam Nut for Rear Panel
Mounting
Recommended Panel Cut Out
Ø M
N Flat ± .002
N FLAT
ø M
in
mm
in
mm
5
.318
8.08
.297/.292
7.54/7.42
6
.386
9.80
.365/.360
9.27/9.14
7
.449
11.40
.429/.424
10.90/10.77
8
.510
12.95
.483
12.67
9
.574
14.58
.540
13.71
10
.635
16.13
.614
15.60
12
.760
19.30
.722
18.34


Similar Part No. - 800-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
800-012-02C5-3EN GLENAIR-800-012-02C5-3EN Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
800-012-02C5-3EX GLENAIR-800-012-02C5-3EX Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
800-012-02C5-3FN GLENAIR-800-012-02C5-3FN Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
800-012-02C5-3FX GLENAIR-800-012-02C5-3FX Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
800-012-02C5-3PN GLENAIR-800-012-02C5-3PN Datasheet
154Kb / 3P
   Printed Circuit Board Receptacle Ordering Info
More results

Similar Description - 800-012

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
804-005 GLENAIR-804-005 Datasheet
159Kb / 1P
   PC Tail or Solder Cup Receptacle
802-012-02 GLENAIR-802-012-02 Datasheet
173Kb / 1P
   Solder Cup or PCB Receptacle
803-005 GLENAIR-803-005 Datasheet
236Kb / 1P
   PC Tail and Solder Cup Receptacle
802-012-00 GLENAIR-802-012-00 Datasheet
197Kb / 1P
   Solder Cup or PCB Receptacle
802-012-07 GLENAIR-802-012-07 Datasheet
175Kb / 1P
   Solder Cup or PCB Receptacle
802-012 GLENAIR-802-012 Datasheet
192Kb / 1P
   Solder Cup or PCB Receptacle
804-009-00 GLENAIR-804-009-00 Datasheet
168Kb / 1P
   PC Tail or Solder Cup Panel Mount Plug
804-009-07 GLENAIR-804-009-07 Datasheet
168Kb / 1P
   PC Tail or Solder Cup Panel Mount Plug
804-009 GLENAIR-804-009 Datasheet
214Kb / 1P
   PC Tail or Solder Cup Panel Mount Plug
804-009-02 GLENAIR-804-009-02 Datasheet
168Kb / 1P
   PC Tail or Solder Cup Panel Mount Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com