Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP06N60T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IKP06N60T
Description  IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP06N60T Datasheet(HTML) 3 Page - Infineon Technologies AG

  IKP06N60T_14 Datasheet HTML 1Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 2Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 3Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 4Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 5Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 6Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 7Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 8Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IKP06N60T
TRENCHSTOP
™ Series
p
IFAG IPC TD VLS
3
Rev. 2.5 20.09.2013
Switching Characteristic, Inductive Load, at Tj=25 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j= 2 5  C ,
V C C = 4 0 0 V , I C = 6 A ,
V G E = 0 / 1 5 V , r G = 2 3  ,
L = 6 0 n H , C = 4 0 p F
L , C f r o m F i g . E
Energy losses include
“tail” and diode reverse
recovery.
-
9
-
ns
Rise time
t r
-
6
-
Turn-off delay time
t d( of f)
-
130
-
Fall time
t f
-
58
-
Turn-on energy
Eo n
-
0.09
-
mJ
Turn-off energy
Eo ff
-
0.11
-
Total switching energy
Et s
-
0.2
-
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
T j =2 5 C ,
VR = 4 00 V , IF = 6 A,
d iF/ d t =5 5 0 A/ s
-
123
-
ns
Diode reverse recovery charge
Q rr
-
190
-
nC
Diode peak reverse recovery current
I rr m
-
5.3
-
A
Diode peak rate of fall of reverse
recovery current during t b
d irr /d t
-
450
-
A/
s
Switching Characteristic, Inductive Load, at Tj=175 C
Parameter
Symbol
Conditions
Value
Unit
min.
typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j= 1 7 5  C ,
V C C = 4 0 0 V , I C = 6 A ,
V G E = 0 / 1 5 V , r G = 2 3  ,
L = 6 0 n H , C = 4 0 p F
L , C f r o m F i g . E
Energy losses include
“tail” and diode reverse
recovery.
-
9
-
ns
Rise time
t r
-
8
-
Turn-off delay time
t d( of f)
-
165
-
Fall time
t f
-
84
-
Turn-on energy
Eo n
-
0.14
-
mJ
Turn-off energy
Eo ff
-
0.18
-
Total switching energy
Et s
-
0.335
-
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
T j =1 7 5 C
VR = 4 00 V , IF = 6 A,
d iF/ d t =5 5 0 A/ s
-
180
-
ns
Diode reverse recovery charge
Q rr
-
500
-
nC
Diode peak reverse recovery current
I rr m
-
7.6
-
A
Diode peak rate of fall of reverse
recovery current during t b
d irr /d t
-
285
-
A/
s


Similar Part No. - IKP06N60T_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
More results

Similar Description - IKP06N60T_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com