Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKP06N60T Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IKP06N60T
Description  IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP06N60T Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IKP06N60T_14 Datasheet HTML 3Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 4Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 5Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 6Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 7Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 8Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 9Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 10Page - Infineon Technologies AG IKP06N60T_14 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IKP06N60T
TRENCHSTOP
™ Series
p
IFAG IPC TD VLS
7
Rev. 2.5 20.09.2013
0A
2A
4A
6A
8A
10A
0,0 mJ
0,1 mJ
0,2 mJ
0,3 mJ
0,4 mJ
0,5 mJ
0,6 mJ
E
ts*
E
on*
*) E
on and Ets inc lude loss es
due to diode recovery
E
off




0,0 mJ
0,1 mJ
0,2 mJ
0,3 mJ
0,4 mJ
E
ts*
E
on*
*) E
on and Ets inc lude los s es
due to diode recovery
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, TJ=175°C,
VCE=400V, VGE=0/15V, rG=23Ω,
Dynamic test circuit in Figure E)
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, TJ=175°C,
VCE = 400V, VGE = 0/15V, IC = 6A,
Dynamic test circuit in Figure E)
50°C
100°C
150°C
0,0mJ
0,1mJ
0,2mJ
0,3mJ
0,4mJ
E
ts*
E
on*
*) E
on a n d E ts in c lu d e lo s s e s
due to diode recovery
E
off
20 0V
30 0 V
40 0 V
5 00 V
0 ,0m J
0 ,1m J
0 ,2m J
0 ,3m J
0 ,4m J
0 ,5m J
E
ts*
E
on*
*) E
on a n d E ts in c lu d e lo s s e s
d ue to dio de re co ve ry
E
off
TJ, JUNCTION TEMPERATURE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 15. Typical switching energy losses
as a function of junction
temperature
(inductive load, VCE=400V,
VGE = 0/15V, IC = 6A, rG = 23Ω,
Dynamic test circuit in Figure E)
Figure 16. Typical switching energy losses
as a function of collector emitter
voltage
(inductive load, TJ = 175°C,
VGE = 0/15V, IC = 6A, rG = 23Ω,
Dynamic test circuit in Figure E)


Similar Part No. - IKP06N60T_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
More results

Similar Description - IKP06N60T_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com