Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4816BD Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI4816BD
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4816BD Datasheet(HTML) 3 Page - Vishay Telefunken

  SI4816BD Datasheet HTML 1Page - Vishay Telefunken SI4816BD Datasheet HTML 2Page - Vishay Telefunken SI4816BD Datasheet HTML 3Page - Vishay Telefunken SI4816BD Datasheet HTML 4Page - Vishay Telefunken SI4816BD Datasheet HTML 5Page - Vishay Telefunken SI4816BD Datasheet HTML 6Page - Vishay Telefunken SI4816BD Datasheet HTML 7Page - Vishay Telefunken SI4816BD Datasheet HTML 8Page - Vishay Telefunken SI4816BD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73026
S09-0394-Rev. D, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4816BDY
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SCHOTTKY SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Forward Voltage Drop
VF
IF = 1.0 A
0.47
0.50
V
IF = 1.0 A, TJ = 125 °C
0.36
0.42
Maximum Reverse Leakage Current
Irm
VR = 30 V
0.004
0.100
mA
VR = 30 V, TJ = 100 °C
0.7
10
VR = - 30 V, TJ = 125 °C
3.0
20
Junction Capacitance
CT
VR = 10 V
50
pF
Output Characteristics
On-Resistance vs. Drain Current
0
5
10
15
20
25
30
35
40
0
1234
5
VGS = 10 thru 4 V
3 V
VDS – Drain-to-Source Voltage (V)
2 V
0.00
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
35
40
ID – Drain Current (A)
VGS = 4.5 V
VGS = 10 V
Transfer Characteristics
Capacitance
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS – Gate-to-Source Voltage (V)
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss


Similar Part No. - SI4816BD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4816BDY VISHAY-SI4816BDY Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY VISHAY-SI4816BDY Datasheet
198Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4816BDY-T1-E3 VISHAY-SI4816BDY-T1-E3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
SI4816BDY-T1-GE3 VISHAY-SI4816BDY-T1-GE3 Datasheet
264Kb / 13P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 09-Mar-0
More results

Similar Description - SI4816BD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com