Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4936CD Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI4936CD
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4936CD Datasheet(HTML) 3 Page - Vishay Telefunken

  SI4936CD Datasheet HTML 1Page - Vishay Telefunken SI4936CD Datasheet HTML 2Page - Vishay Telefunken SI4936CD Datasheet HTML 3Page - Vishay Telefunken SI4936CD Datasheet HTML 4Page - Vishay Telefunken SI4936CD Datasheet HTML 5Page - Vishay Telefunken SI4936CD Datasheet HTML 6Page - Vishay Telefunken SI4936CD Datasheet HTML 7Page - Vishay Telefunken SI4936CD Datasheet HTML 8Page - Vishay Telefunken SI4936CD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 69097
S09-0390-Rev. C, 09-Mar-09
www.vishay.com
3
Vishay Siliconix
Si4936CDY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 4 V
VGS =3 V
VGS = 1 V, 2 V
VDS - Drain-to-Source Voltage (V)
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
VGS =4.5 V
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
0123
456
ID =5A
VDS =24 V
VDS =15 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
012
3
4
TC = 25 °C
TC = 125 °C
TC =- 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
100
200
300
400
0
5
10
15
20
25
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
VGS =4.5 V;
ID =4.7 A
VGS =10 V;ID =5A
TJ -Junction Temperature (°C)


Similar Part No. - SI4936CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4936CDY VISHAY-SI4936CDY Datasheet
254Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Mar-09
logo
SHENZHEN DOINGTER SEMIC...
SI4936CDY DOINGTER-SI4936CDY Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4936CDY VISHAY-SI4936CDY Datasheet
197Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4936CDY-T1-E3 VBSEMI-SI4936CDY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936CDY-T1-GE3 VISHAY-SI4936CDY-T1-GE3 Datasheet
254Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. C, 09-Mar-09
More results

Similar Description - SI4936CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com