Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5440DC Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI5440DC
Description  N-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5440DC Datasheet(HTML) 3 Page - Vishay Telefunken

  SI5440DC Datasheet HTML 1Page - Vishay Telefunken SI5440DC Datasheet HTML 2Page - Vishay Telefunken SI5440DC Datasheet HTML 3Page - Vishay Telefunken SI5440DC Datasheet HTML 4Page - Vishay Telefunken SI5440DC Datasheet HTML 5Page - Vishay Telefunken SI5440DC Datasheet HTML 6Page - Vishay Telefunken SI5440DC Datasheet HTML 7Page - Vishay Telefunken SI5440DC Datasheet HTML 8Page - Vishay Telefunken SI5440DC Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Si5440DC
www.vishay.com
Vishay Siliconix
S15-2143-Rev. B, 07-Sep-15
3
Document Number: 69056
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10 V thru 4 V
VGS =2V
VGS =3V
VDS - Drain-to-Source Voltage (V)
0.012
0.014
0.016
0.018
0.020
0.022
0.024
0
5
10
15
20
25
30
VGS =10V
VGS =4.5 V
ID - Drain Current (A)
0
2
4
6
8
10
04
8
12
16
20
ID =9.1 A
VDS =15V
VDS =24V
Qg - Total Gate Charge (nC)
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = 25 °C
TC = 125 °C
VGS - Gate-to-Source Voltage (V)
TC =- 55 °C
Crss
0
300
600
900
1200
1500
0
5
10
15
20
25
30
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
VGS =10V, 4.5 V
ID =9.1 A
TJ - Junction Temperature (°C)


Similar Part No. - SI5440DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5440DC VISHAY-SI5440DC Datasheet
249Kb / 11P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SI5440DC-T1-GE3 VISHAY-SI5440DC-T1-GE3 Datasheet
249Kb / 11P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
More results

Similar Description - SI5440DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com