Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5902BDC Datasheet(PDF) 8 Page - Vishay Telefunken

Part # SI5902BDC
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5902BDC Datasheet(HTML) 8 Page - Vishay Telefunken

Back Button SI5902BDC Datasheet HTML 3Page - Vishay Telefunken SI5902BDC Datasheet HTML 4Page - Vishay Telefunken SI5902BDC Datasheet HTML 5Page - Vishay Telefunken SI5902BDC Datasheet HTML 6Page - Vishay Telefunken SI5902BDC Datasheet HTML 7Page - Vishay Telefunken SI5902BDC Datasheet HTML 8Page - Vishay Telefunken SI5902BDC Datasheet HTML 9Page - Vishay Telefunken SI5902BDC Datasheet HTML 10Page - Vishay Telefunken SI5902BDC Datasheet HTML 11Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AN812
Vishay Siliconix
Document Number: 71127
12-Dec-03
www.vishay.com
1
Dual-Channel 1206-8 ChipFETr Power MOSFET Recommended
Pad Pattern and Thermal Performance
INTRODUCTION
New Vishay Siliconix ChipFETs in the leadless 1206-8
package feature the same outline as popular 1206-8 resistors
and capacitors but provide all the performance of true power
semiconductor devices. The 1206-8 ChipFET has the same
footprint as the body of the LITTLE FOOTR TSOP-6, and can
be thought of as a leadless TSOP-6 for purposes of visualizing
board area, but its thermal performance bears comparison
with the much larger SO-8.
This technical note discusses the dual ChipFET 1206-8
pin-out, package outline, pad patterns, evaluation board
layout, and thermal performance.
PIN-OUT
Figure 1 shows the pin-out description and Pin 1 identification
for the dual-channel 1206-8 ChipFET device. The pin-out is
similar to the TSOP-6 configuration, with two additional drain
pins to enhance power dissipation and thus thermal
performance. The legs of the device are very short, again
helping to reduce the thermal path to the external heatsink/pcb
and allowing a larger die to be fitted in the device if necessary.
FIGURE 1.
Dual 1206-8 ChipFET
S1
G1
S2
D1
D1
D2
G2
D2
For package dimensions see the 1206-8 ChipFET package
outline drawing (http://www.vishay.com/doc?71151).
BASIC PAD PATTERNS
The basic pad layout with dimensions is shown in Application
Note 826, Recommended Minimum Pad Patterns With Outline
Drawing
Access
for
Vishay Siliconix
MOSFETs,
(http://www.vishay.com/doc?72286). This is sufficient for low
power dissipation MOSFET applications, but power
semiconductor performance requires a greater copper pad
area, particularly for the drain leads.
FIGURE 2.
Footprint With Copper Spreading
80 mil
43 mil
10 mil
26 mil
18 mil
25 mil
The pad pattern with copper spreading shown in Figure 2
improves the thermal area of the drain connections (pins 5 and
6, pins 7 and 8) while remaining within the confines of the basic
footprint. The drain copper area is 0.0019 sq. in. or
1.22 sq. mm. This will assist the power dissipation path away
from the device (through the copper leadframe) and into the
board and exterior chassis (if applicable) for the dual device.
The addition of a further copper area and/or the addition of vias
to other board layers will enhance the performance still further.
An example of this method is implemented on the Vishay
Siliconix Evaluation Board described in the next section
(Figure 3).
THE VISHAY SILICONIX EVALUATION
BOARD FOR THE DUAL 1206-8
The dual ChipFET 1206-08 evaluation board measures 0.6 in
by 0.5 in. Its copper pad pattern consists of an increased pad
area around each of the two drain leads on the top-side—
approximately 0.0246 sq. in. or 15.87 sq. mm—and vias
added through to the underside of the board, again with a
maximized copper pad area of approximately the board-size
dimensions, split into two for each of the drains. The outer
package outline is for the 8-pin DIP, which will allow test
sockets to be used to assist in testing.
The thermal performance of the 1206-8 on this board has been
measured with the results following on the next page. The
testing included comparison with the minimum recommended
footprint on the evaluation board-size pcb and the industry
standard one-inch square FR4 pcb with copper on both sides
of the board.


Similar Part No. - SI5902BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5902BDC VISHAY-SI5902BDC Datasheet
114Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5902BDC VISHAY-SI5902BDC Datasheet
117Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI5902BDC-T1-E3 VISHAY-SI5902BDC-T1-E3 Datasheet
114Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 02-Jul-07
SI5902BDC-T1-E3 VISHAY-SI5902BDC-T1-E3 Datasheet
117Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI5902BDC-T1-GE3 VISHAY-SI5902BDC-T1-GE3 Datasheet
117Kb / 7P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
More results

Similar Description - SI5902BDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com