Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5936DU Datasheet(PDF) 4 Page - Vishay Telefunken

Part # SI5936DU
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5936DU Datasheet(HTML) 4 Page - Vishay Telefunken

  SI5936DU Datasheet HTML 1Page - Vishay Telefunken SI5936DU Datasheet HTML 2Page - Vishay Telefunken SI5936DU Datasheet HTML 3Page - Vishay Telefunken SI5936DU Datasheet HTML 4Page - Vishay Telefunken SI5936DU Datasheet HTML 5Page - Vishay Telefunken SI5936DU Datasheet HTML 6Page - Vishay Telefunken SI5936DU Datasheet HTML 7Page - Vishay Telefunken SI5936DU Datasheet HTML 8Page - Vishay Telefunken SI5936DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Vishay Siliconix
Si5936DU
New Product
Document Number: 62804
S12-2729-Rev. A, 12-Nov-12
www.vishay.com
4
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150
°C
T
J = 25
°C
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (
°C)
I
D = 250 μA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.000
0.020
0.040
0.060
0.080
0.100
0.0
2.0
4.0
6.0
8.0
10.0
V
GS - Gate-to-Source Voltage (V)
T
J = 125
°C
T
J = 25
°C
I
D = 5 A
0
5
10
15
20
25
30
Time (s)
0
0
0
1
1
0.1
0.01
0.001
10
100
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1
10
100
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
10 s
100 ms
Limited by R
DS(on)*
1 ms
T
A = 25
°C
BVDSS Limited
10 ms
100 μs
1 s
DC


Similar Part No. - SI5936DU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5936DU VISHAY-SI5936DU Datasheet
160Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 12-Nov-12
SI5936DU VISHAY-SI5936DU Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5936DU-T1-GE3 VISHAY-SI5936DU-T1-GE3 Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5936DU VISHAY-SI5936DU_V01 Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI5936DU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com