Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54294 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS54294
Description  2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54294 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54294_15 Datasheet HTML 5Page - Texas Instruments TPS54294_15 Datasheet HTML 6Page - Texas Instruments TPS54294_15 Datasheet HTML 7Page - Texas Instruments TPS54294_15 Datasheet HTML 8Page - Texas Instruments TPS54294_15 Datasheet HTML 9Page - Texas Instruments TPS54294_15 Datasheet HTML 10Page - Texas Instruments TPS54294_15 Datasheet HTML 11Page - Texas Instruments TPS54294_15 Datasheet HTML 12Page - Texas Instruments TPS54294_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I - Output Current - A
O
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
V = 12 V
I
V = 5 V
I
V = 18 V
I
0
2
4
6
8
10
12
14
16
18
20
V - Input Voltage - V
I
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
I
= 1 A
o1
I
= 10 mA
o1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
I - Output Current - A
O
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
V = 12 V
I
V = 5 V
I
V = 18 V
I
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
EN Input Voltage - V
VIN1 = VIN2 = 12V
EN1 = EN2 = ON
0
20
40
60
80
100
120
140
160
180
200
-50
0
50
100
150
T - Junction Temperature - °C
J
TPS54294
www.ti.com
SLVSB00D – OCTOBER 2011 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS
One output is enabled unless otherwise noted. VI = VIN1 or VIN2.
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 1. Input Current vs Junction Temperature
Figure 2. Input Shutdown Current vs Junction Temperature
Figure 3. EN Current vs EN Voltage (VEN=12V)
Figure 4. VO1=3.3V Output Voltage vs Output Current
Figure 5. VO2=1.5V Output Voltage vs Output Current
Figure 6. VO1=3.3V Output Voltage vs Input Voltage
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS54294


Similar Part No. - TPS54294_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54294_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54294 TI1-TPS54294_16 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54295 TI-TPS54295_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54495 TI1-TPS54495_16 Datasheet
990Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54494 TI-TPS54494_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54294 TI1-TPS54294 Datasheet
918Kb / 24P
[Old version datasheet]   2A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS54494 TI1-TPS54494_16 Datasheet
979Kb / 23P
[Old version datasheet]   4A/2A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com