Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7224DN Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI7224DN
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7224DN Datasheet(HTML) 1 Page - Vishay Telefunken

  SI7224DN Datasheet HTML 1Page - Vishay Telefunken SI7224DN Datasheet HTML 2Page - Vishay Telefunken SI7224DN Datasheet HTML 3Page - Vishay Telefunken SI7224DN Datasheet HTML 4Page - Vishay Telefunken SI7224DN Datasheet HTML 5Page - Vishay Telefunken SI7224DN Datasheet HTML 6Page - Vishay Telefunken SI7224DN Datasheet HTML 7Page - Vishay Telefunken SI7224DN Datasheet HTML 8Page - Vishay Telefunken SI7224DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
Si7224DN
New Product
Document Number: 69500
S-81549-Rev. B, 07-Jul-08
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
TrenchFET® Power MOSFETs
APPLICATIONS
Notebook PC System Power
Low Current POL
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A) Qg (Typ.)
Channel 1
30
0.035 at VGS = 10 V
6a
4.5 nC
0.042 at VGS = 4.5 V
6a
Channel 2
30
0.028 at VGS = 10 V
6a
5.5 nC
0.035 at VGS = 4.5 V
6a
PowerPAK® 1212-8
Bottom View
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
3.30 mm
3.30 mm
Ordering Information: Si7224DN-T1-E3 (Lead (Pb)-free)
Si7224DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequade bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 94 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Channel 1
Channel 2
Unit
Drain-Source Voltage
VDS
30
30
V
Gate-Source Voltage
VGS
± 16
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6a
6a
A
TC = 70 °C
6a
6a
TA = 25 °C
6a, b, c
6a, b, c
TA = 70 °C
5.2b, c
5.9b, c
Pulsed Drain Current
IDM
25
30
Source Drain Current Diode Current
TC = 25 °C
IS
6a
6a
TA = 25 °C
1.7b, c
2.2b, c
Maximum Power Dissipation
TC = 25 °C
PD
17.8
23
W
TC = 70 °C
11.4
14.8
TA = 25 °C
2.5b, c
2.6b, c
TA = 70 °C
1.6b, c
1.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel 1
Channel 2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
≤ 10 s
RthJA
40
50
38
48
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
5.6
7
4.3
5.4
RoHS
COMPLIANT


Similar Part No. - SI7224DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7224DN VISHAY-SI7224DN Datasheet
606Kb / 18P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI7224DN VISHAY-SI7224DN Datasheet
603Kb / 18P
   Dual N-Channel 30-V (D-S) MOSFET
08-Feb-17
SI7224DN-T1-E3 VISHAY-SI7224DN-T1-E3 Datasheet
606Kb / 18P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI7224DN-T1-GE3 VISHAY-SI7224DN-T1-GE3 Datasheet
606Kb / 18P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 07-Jul-08
SI7224DN VISHAY-SI7224DN_V01 Datasheet
603Kb / 18P
   Dual N-Channel 30-V (D-S) MOSFET
08-Feb-17
More results

Similar Description - SI7224DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com