Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54310-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54310-Q1
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54310-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54310-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54310-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS54310-Q1
SGLS280D − JANUARY 2005 − REVISED JUNE 2009
www.ti.com
6
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
RT
FSEL
SS/ENA
VBIAS
VIN
VIN
VIN
PGND
PGND
PGND
PWP PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AGND
1
Analog ground. Return for compensation network/output divider, slow-start capacitor, VBIAS capacitor, RT resistor, and
FSEL pin. Make PowerPAD connection to AGND.
BOOT
5
Bootstrap input. A 0.022-
µF to 0.1-µF low-ESR capacitor connected from BOOT to PH generates floating drive for the
high-side FET driver.
COMP
3
Error amplifier output. Connect the compensation network from COMP to VSENSE.
PGND
11−13
Power ground. High current return for the low-side driver and power MOSFET. Connect PGND with large copper areas to the
input and output supply returns and negative terminals of the input and output capacitors.
PH
6−10
Phase input/output. Junction of the internal high and low-side power MOSFETs and output inductor.
PWRGD
4
Power good open drain output. High when VSENSE
≥ 90% Vref, otherwise PWRGD is low. Note that output is low when
SS/ENA is low or internal shutdown signal active.
RT
20
Frequency setting resistor input. Connect a resistor from RT to AGND to set the switching frequency, fs.
SS/ENA
18
Slow-start/enableinput/output. Dual function pin which provides logic input to enable/disable device operation and capacitor
input to externally set the start-up time.
FSEL
19
Synchronization input. Dual function pin which provides logic input to synchronize to an external oscillator or pin select
between two internally set switching frequencies. When used to synchronize to an external signal, a resistor must be
connected to the RT pin.
VBIAS
17
Internal bias regulator output. Supplies regulated voltage to internal circuitry. Bypass VBIAS pin to AGND pin with a high
quality, low ESR 0.1-
µF to 1-µF ceramic capacitor.
VIN
14−16
Input supply for the power MOSFET switches and internal bias regulator. Bypass VIN pins to PGND pins close to the device
package with a high quality, low ESR 1-
µF to 10-µF ceramic capacitor.
VSENSE
2
Error amplifier inverting input.


Similar Part No. - TPS54310-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-Q1 TI-TPS54310-Q1 Datasheet
543Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTERRATED FERs (SWIFT)
More results

Similar Description - TPS54310-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54312-Q1 TI1-TPS54312-Q1 Datasheet
385Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com