Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54332DDAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54332DDAR
Description  TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54332DDAR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54332DDAR Datasheet HTML 1Page - Texas Instruments TPS54332DDAR Datasheet HTML 2Page - Texas Instruments TPS54332DDAR Datasheet HTML 3Page - Texas Instruments TPS54332DDAR Datasheet HTML 4Page - Texas Instruments TPS54332DDAR Datasheet HTML 5Page - Texas Instruments TPS54332DDAR Datasheet HTML 6Page - Texas Instruments TPS54332DDAR Datasheet HTML 7Page - Texas Instruments TPS54332DDAR Datasheet HTML 8Page - Texas Instruments TPS54332DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
PH
VIN
GND
BOOT
VSENSE
COMP
SS
C
SS
D1
VIN
VOUT
EN
TPS54332
C
I
C
BOOT
L
O
C
O
Ren1
R
O2
C
1
C
2
R
3
Ren2
R
O1
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
I -OutputCurrent- A
O
V
=2.5V
O
V =5V
I
V =12V
I
V =15V
I
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54332
SLVS875C – JANUARY 2009 – REVISED NOVEMBER 2014
TPS54332 3.5-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode™
1 Features
3 Description
The TPS54332 is a 28-V, 3.5-A non-synchronous
1
3.5-V to 28-V Input Voltage Range
buck converter that integrates a low-RDS(on) high-side
Adjustable Output Voltage Down to 0.8 V
MOSFET. To increase efficiency at light loads, a
Integrated 80-m
Ω High-Side MOSFET Supports
pulse-skipping Eco-Mode feature is automatically
up to 3.5-A Continuous Output Current
activated. Furthermore, the 1-
μA shutdown supply
current allows the device to be used in battery-
High Efficiency at Light Loads With a Pulse-
powered applications. Current mode control with
Skipping Eco-Mode™
internal slope compensation simplifies the external
Fixed 1-MHz Switching Frequency
compensation calculations and reduces component
Typical 1-
μA Shutdown Quiescent Current
count while allowing the use of ceramic output
capacitors. A resistor divider programs the hysteresis
Adjustable Slow-Start Limits Inrush Currents
of the input undervoltage lockout. An overvoltage
Programmable UVLO Threshold
transient protection circuit limits voltage overshoots
Overvoltage Transient Protection
during start-up and transient conditions. A cycle-by-
cycle current limit scheme, frequency foldback and
Cycle-by-Cycle Current Limit, Frequency Foldback
thermal shutdown protect the device and the load in
and Thermal Shutdown Protection
the event of an overload condition. The TPS54332 is
Available in Thermally Enhanced 8-Pin SOIC
available in an 8-pin SOIC PowerPAD™ package.
PowerPAD™ Package
Supported by WEBENCH™ Tool
Device Information(1)
(http://www.ti.com/lsds/ti/analog/webench/overvie
PART NUMBER
PACKAGE
BODY SIZE (NOM)
w.page)
TPS54332
SO PowerPAD (8)
4.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the datasheet.
Consumer Applications such as Set-Top Boxes,
CPE Equipment, LCD Displays, Peripherals, and
Battery Chargers
Industrial and Car Audio Power Supplies
5-V, 12-V and 24-V Distributed Power Systems
Simplified Schematic
Efficiency
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54332DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
More results

Similar Description - TPS54332DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
[Old version datasheet]   TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54360B TI1-TPS54360B Datasheet
1Mb / 46P
[Old version datasheet]   60-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54360_1212 TI1-TPS54360_1212 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54231 TI1-TPS54231_16 Datasheet
767Kb / 31P
[Old version datasheet]   2-A, 28-V Input, Step-Down DC-DC Converter With Eco-mode
TPS54233-Q1 TI1-TPS54233-Q1 Datasheet
782Kb / 25P
[Old version datasheet]   2-A, 28-V INPUT, STEP-DOWN DC/DC CONVERTER WITH ECO-MODE?
TPS54360 TI-TPS54360_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS54360 60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54240 TI1-TPS54240_16 Datasheet
2Mb / 56P
[Old version datasheet]   3.5-V to 42-V Step-Down DC - DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com