Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54335A Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54335A
Description  TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54335A Datasheet(HTML) 1 Page - Texas Instruments

  TPS54335A_15 Datasheet HTML 1Page - Texas Instruments TPS54335A_15 Datasheet HTML 2Page - Texas Instruments TPS54335A_15 Datasheet HTML 3Page - Texas Instruments TPS54335A_15 Datasheet HTML 4Page - Texas Instruments TPS54335A_15 Datasheet HTML 5Page - Texas Instruments TPS54335A_15 Datasheet HTML 6Page - Texas Instruments TPS54335A_15 Datasheet HTML 7Page - Texas Instruments TPS54335A_15 Datasheet HTML 8Page - Texas Instruments TPS54335A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
PH
GND
BOOT
EN
VSENSE
COMP
TPS54335A
RT
R
C
R
RT
C
BOOT
C
O
L
O
R
O1
R
O2
VOUT
VIN
VIN
C
1
C
C
C
2
R
C
C
SS
C
C
C
BOOT
C
O
L
O
R
O1
R
O2
C
2
C
1
PH
GND
BOOT
EN
VSENSE
COMP
TPS54336A
SS
VOUT
VIN
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS54335A, TPS54335-1A, TPS54336A
SLVSCD5C – NOVEMBER 2014 – REVISED JULY 2015
TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT™
Step-Down DC-DC Converter
1 Features
3 Description
The TPS5433xA family of devices are synchronous
1
Synchronous 128-m
Ω and 84-mΩ MOSFETs for
converters with an input-voltage range of 4.5 to 28 V.
3-A Continuous Output Current
These
devices
include
an
integrated
low-side
TPS54335A: Internal 2-ms Soft-Start,
switching FET that eliminates the need for an
50-kHz to 1.5-MHz Adjustable Frequency
external diode which reduces component count.
TPS54336A: Adjustable Soft-Start,
Efficiency is maximized through the integrated 128-
Fixed 340-kHz Frequency
m
Ω and 84-mΩ MOSFETs, low IQ and pulse skipping
Low 2-µA Shutdown, Quiescent Current
at light loads. Using the enable pin, the shutdown
supply current is reduced to 2
μA. This step-down
0.8-V Voltage Reference with ±0.8% Accuracy
(buck) converter provides accurate regulation for a
Current Mode Control
variety
of
loads
with
a
well-regulated
voltage
Monotonic Startup into Pre-Biased Outputs
reference that is 1.5% over temperature.
Pulse Skipping for Light-Load Efficiency
Cycle-by-cycle
current
limiting
on
the
high-side
Hiccup Mode Overcurrent Protection
MOSFET protects the TPS5433xA family of devices
in overload situations and is enhanced by a low-side
Thermal Shutdown (TSD) and
sourcing
current
limit
which
prevents
current
Overvoltage Transition Protection
runaway. A low-side sinking current-limit turns off the
8-Pin SO PowerPAD™ and 10-Pin VSON
low-side MOSFET to prevent excessive reverse
Packages
current.
Hiccup
protection
is
triggered
if
the
overcurrent condition continues for longer than the
2 Applications
preset time. Thermal shutdown disables the device
when the die temperature exceeds the threshold and
Consumer Applications such as a Digital TV
enables the device again after the built-in thermal
(DTV), Set Top Box (STB, DVD/Blu-ray Player),
hiccup time.
LCD Display, CPE (Cable Modem, WiFi Router),
DLP Projectors, Smart Meters
Device Information(1)
Battery Chargers
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Industrial and Car Audio Power Supplies
SO PowerPAD (8)
4.89 mm × 3.90 mm
TPS54335A
5-V, 12-V, and 24-V Distributed Power Bus Supply
TPS54336A
VSON (10)
3.00 mm × 3.00 mm
TPS54335-1A
VSON (10)(2)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) The DRC package for the TPS54335-1A device has a
narrower heat-pad for more clearance between the pins and
heat pad. See the Differences Between the Two DRC
Packages section.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS54335A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54335A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54331-Q1 TI1-TPS54331-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-A, 28-V INPUT, STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-Mode?
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com