Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB140 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB140
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB140 Datasheet(HTML) 1 Page - Unisonic Technologies

  SB140 Datasheet HTML 1Page - Unisonic Technologies SB140 Datasheet HTML 2Page - Unisonic Technologies SB140 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB140
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-238.C
1.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB140 is a Schottky Rectifier with high current capacity
and low forward voltage.
The UTC SB140 is suitable for polarity protection ,low voltage and
high frequency inverters and free wheeling applications
FEATURES
* High Current Capability
* Low Forward Voltage
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
-
SB140G-CA2S-R
SOD-123S
K
A
Tape Reel
SB140L-SMA-R
SB140G-SMA-R
SMA
K
A
Tape Reel
SB140L-Z41-B
SB140G-Z41-B
DO-41
K
A
Tape Box
SB140L-Z41-R
SB140G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel, B: Tape Box
(2) CA2S: SOD-123S, SMA: SMA, Z41: DO-41
(3) L: Lead Free, G: Halogen Free and Lead Free
SB140L-CA2S-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
PACKAGE
MARKING
SOD-123S
SMA
Date Code
Cathode Band for
uni-directional Only
UTC
SB140
L: Lead Free
G: Halogen Free
DO-41
SB140
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - SB140

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB140 PANJIT-SB140 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
SB140 PANJIT-SB140 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB140 VISHAY-SB140 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Microdiode Electronics ...
SB140 CHENDA-SB140 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SB140 FS-SB140 Datasheet
428Kb / 2P
   REVERSE VOLTGE 20V~100V, FORWARD CURRENT 1.0AMP Schottky Barrier Rectifiers
More results

Similar Description - SB140

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com