Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB240 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SB240
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB240 Datasheet(HTML) 3 Page - Unisonic Technologies

  SB240_15 Datasheet HTML 1Page - Unisonic Technologies SB240_15 Datasheet HTML 2Page - Unisonic Technologies SB240_15 Datasheet HTML 3Page - Unisonic Technologies SB240_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB240
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-199.d
ABSOLUTE MAXIMUM RATINGS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
40
V
Peak Repetitive Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current
IO
2.0
A
Non-repetitive Peak Forward Surge Current 8.3 ms
Single Half-Sine-Wave
IFSM
80
A
Operating Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Measured at ambient temperature at a distance of 9.5mm from the case.
3. Short duration test pulse used to minimize self-heating effect..
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SMA/SMB
SMC
θJA
95 (Note)
°C/W
SOD-123
200 (Note)
SOD-323
500 (Note)
DO-41
50
Note: 1 inch square pad size (1×0.5 inch for each lead ) on FR4 board.
ELECTRICAL CHARACTERISTICS (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
40
V
Forward Voltage Drop (Note 3)
VFM
IF=2.0A, TJ=25°C
0.50
V
IF=2.0A, TJ=100°C
0.45
V
Leakage Current (Note 1)
IRM
VR=40V, TJ=25°C
500
μA
VR=40V, TJ=100°C
20
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.
3. Pulse width ≤300μs, duty cycle ≤2%.


Similar Part No. - SB240_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB240 LRC-SB240_15 Datasheet
208Kb / 7P
   Schottky Barrier Rectifiers
More results

Similar Description - SB240_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com