Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-K10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP-K10
Description  Designed to replace ceramic insulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-K10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP-K10 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP-K10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sil-Pad® K-10 is a high performance
insulator. It combines special film with a
filled silicone rubber. The result is a
product with good cut-through properties
and excellent thermal performance.
Sil-Pad® K-10 is designed to replace
ceramic insulators such as Beryllium Ox-
ide, Boron Nitride and Alumina. Ceramic
insulators are expensive and they break
easily. Sil-Pad® K-10 eliminates breakage
and costs much less than ceramics.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Sil-Pad® K-10
TYPICAL APPLICATIONS INCLUDE
• Power supplies
• Motor controls
• Power semiconductors
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts and roll form
• With or without pressure sensitive adhesive
PDS_SP_K10_1113
FEATURES AND BENEFITS
• Thermal impedance: 0.41°C-in2/W
(@50 psi)
• Tough dielectric barrier against
cut-through
• High performance film
• Designed to replace ceramic insulators
PRODUCT DESCRIPTION
The High Performance
Polyimide-Based Insulator
November 2013
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Beige
Beige
Visual
Reinforcement Carrier
Polyimide
Polyimide
Thickness (inch) / (mm)
0.006
0.152
ASTM D374
Hardness (Shore A)
90
90
ASTM D2240
Breaking Strength (lbs/inch) / (kN/m)
30
5ASTM D1458
Elongation (%)
40
40
ASTM D412
Tensile Strength (psi) / (MPa)
5000
34
ASTM D412
Continuous Use Temp (°F) / (°C)
-76 to 356
-60 to 180
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
6000
6000
ASTM D149
Dielectric Constant (1000 Hz)
3.7
3.7
ASTM D150
Volume Resistivity (Ohm-meter)
1012
1012
ASTM D257
Flame Rating
VTM-O
VTM-O
U.L.94
THERMAL
Thermal Conductivity (W/m-K)
1.3
1.3ASTM D5470
THERMAL PERFORMANCE vs PRESSURE
Pressure (psi)
10
25
50
100
200
TO-220 Thermal Performance (°C/W)
2.35
2.19
2.01
1.87
1.76
Thermal Impedance (°C-in2/W) (1)
0.86
0.56
0.41
0.38
0.33
1) The ASTM D5470 test fixture was used.The recorded value includes interfacial thermal resistance.These values are provided for
reference only. Actual application performance is directly related to the surface roughness, flatness and pressure applied.
TYPICAL PROPERTIES OF SIL-PAD K-10


Similar Part No. - SP-K10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-K4 ETC2-SP-K4 Datasheet
500Kb / 2P
   Withstands high voltages
SP-K6 ETC2-SP-K6 Datasheet
501Kb / 2P
   Medium performance film
logo
Adlink Technology Inc.
SP-KL ADLINK-SP-KL Datasheet
409Kb / 2P
   Intel Core Processor-based Fanless Panel Computer
More results

Similar Description - SP-K10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q-PAD-II ETC2-Q-PAD-II Datasheet
373Kb / 2P
   Designed to replace thermal grease
logo
Fairchild Semiconductor
AN-6754 FAIRCHILD-AN-6754 Datasheet
352Kb / 8P
   Design Guideline to Replace SG6742
logo
M-System Co.,Ltd.
35406 MSYSTEM-35406 Datasheet
59Kb / 3P
   Ceramic Stand-Off Insulators for RF-Equipment
logo
List of Unclassifed Man...
IEC-TO-220V-18 ETC1-IEC-TO-220V-18 Datasheet
30Kb / 1P
   TEANSISTOR INSULATORS
IEC-TO-218 ETC2-IEC-TO-218 Datasheet
31Kb / 1P
   TRANSISTOR INSULATORS
logo
Vishay Siliconix
3540 VISHAY-3540 Datasheet
89Kb / 2P
   Ceramic Stand-off Insulators for RF-Equipment
Revision: 29-Aug-02
4040 VISHAY-4040 Datasheet
124Kb / 2P
   Ceramic Stand-off Insulators for RF-Equipment
Revision: 29-Aug-02
logo
Fairchild Semiconductor
AN-6755 FAIRCHILD-AN-6755 Datasheet
391Kb / 9P
   Design Guideline to Replace FAN6753 with FAN6755
logo
Richco, Inc.
MNI-6-2 RICHCO-MNI-6-2 Datasheet
76Kb / 1P
   MOLDED NYLON INSULATORS
logo
Fuji Electric
EDS11-139A FUJI-EDS11-139A Datasheet
99Kb / 6P
   REPLACE CASE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com