Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSC1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STSC1
Description  High Accuracy Digital Temperature Sensor IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STSC1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STSC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.sensirion.com
Version 1 – May 2014
4/13
Figure 3 Timing diagram for digital input/output pads. SDA directions are seen from the sensor. Bold SDA lines are controlled by the
sensor, plain SDA lines are controlled by the micro-controller. Note that SDA valid read time is triggered by falling edge of preceding toggle.
5 Interface Specifications
The STSC1 supports I2C fast mode (SCL clock frequency
from 0 to 400 kHz) with clock stretching. For detailed
information on the I2C protocol, refer to NXP I2C-bus
specification and user manual UM10204, Rev. 4,
February 13, 2012:
http://ics.nxp.com/support/documents/interface/pdf/I2C.bu
s.specification.pdf
The STSC1 comes in a 4-pin package – see Table 6.
Pin Name
Comments
1
VDD Supply voltage
2
SCL Serial clock, bidirectional
3
SDA Serial data, bidirectional
4
VSS Ground
Table 6 STSC1 pin assignment (top view). The center pad is
internally connected to VSS.
Power-supply pins supply voltage (VDD) and ground
(VSS) must be decoupled with a 100 nF capacitor that
shall be placed as close to the sensor as possible – see
Figure 4.
SCL is used to synchronize the communication between
microcontroller and the sensor. The master must keep the
clock frequency within 0 to 400 kHz as specified in Table
5. The STSC1 may pull down the SCL line when clock
stretching is enabled.
The SDA pin is used to transfer data in and out of the
sensor. For safe communication, the timing specifications
defined in the I2C manual must be met.
To avoid signal contention, the microcontroller must only
drive SDA and SCL low. External pull-up resistors (e.g.
10 kΩ) are required to pull the signal high. For
dimensioning resistor sizes please take bus capacity
requirements into account. It should be noted that pull-up
resistors may be included in I/O circuits of
microcontrollers.
Figure 4 Typical application circuit, including pull-up resistors
RP and decoupling of VDD and VSS by a capacitor.
For good performance of the STSC1 in the application, it is
important to know that the center pad of the STSC1 offers
the best thermal contact to the temperature sensor. For
more information on design-in, please refer to the
document “SHTxx Design Guide”.
For mechanical reasons the center pad should be
soldered. Electrically, the center pad is internally
connected to GND and may be connected to the GND net
on the PCB or left floating.
6 Operation and Communication
All commands and memory locations of the STSC1 are
mapped to a 16-bit address space which can be accessed
via the I2C protocol.
STSC1
Bin.
Dec.
Hex.
I2C address
100’1010
74
0x4A
Table 7 STSC1
I2C device address.
SCL
70%
30%
tLOW
1/fSCL
tHIGH
tR
tF
SDA
70%
30%
tSU;DAT
tHD;DAT
DATA IN
tR
SDA
70%
30%
DATA OUT
tVD;DAT
tF
2
1
3
4
STSC1
AXY89
SDA
SCL
GND
VDD
MCU (master)
R
P
R
P
SCL OUT
SDA OUT
SDA IN
SCL IN
STSC1
(slave)


Similar Part No. - STSC1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
   Wire Marker type-On sheets
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
   Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
   Dual Channel Optical Switch Assembly Over / Under Optical Axis
More results

Similar Description - STSC1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
   짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com