Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIZ342DT Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIZ342DT
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ342DT Datasheet(HTML) 3 Page - Vishay Telefunken

  SIZ342DT Datasheet HTML 1Page - Vishay Telefunken SIZ342DT Datasheet HTML 2Page - Vishay Telefunken SIZ342DT Datasheet HTML 3Page - Vishay Telefunken SIZ342DT Datasheet HTML 4Page - Vishay Telefunken SIZ342DT Datasheet HTML 5Page - Vishay Telefunken SIZ342DT Datasheet HTML 6Page - Vishay Telefunken SIZ342DT Datasheet HTML 7Page - Vishay Telefunken SIZ342DT Datasheet HTML 8Page - Vishay Telefunken SIZ342DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SiZ342DT
www.vishay.com
Vishay Siliconix
S15-0031-Rev. B, 19-Jan-15
3
Document Number: 62949
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
13.9
A
Pulse Diode Forward Current (t = 100 μs)
ISM
-
-
100
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
-
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/μs, TJ = 25 °C
-20
35
ns
Body Diode Reverse Recovery Charge
Qrr
-10
20
nC
Reverse Recovery Fall Time
ta
-
12.5
-
ns
Reverse Recovery Rise Time
tb
-7.5
-
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
CHANNEL-1 AND CHANNEL-2
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - SIZ342DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ342DT VISHAY-SIZ342DT Datasheet
1Mb / 11P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 19-Jan-15
SIZ342DT VISHAY-SIZ342DT Datasheet
326Kb / 10P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SIZ342DT VISHAY-SIZ342DT_V01 Datasheet
326Kb / 10P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIZ342DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com