Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54388-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54388-Q1
Description  TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54388-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54388-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TPS54388-Q1
www.ti.com
SLVSAF1D – OCTOBER 2010 – REVISED APRIL 2015
7.4 Thermal Information
TPS54388-Q1
THERMAL METRIC(1)
RTE
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
43.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
46.1
°C/W
RθJB
Junction-to-board thermal resistance
15.5
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
15.5
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
3.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.5
Electrical Characteristics
TJ = –40°C to 150°C, V(VIN) = 2.95 to 6 V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
VIN UVLO start
2.28
2.5
V
Internal undervoltage lockout threshold
VIN UVLO stop
2.45
2.6
Shutdown supply current
V(EN) = 0 V, 25°C, 2.95 V ≤ V(VIN) ≤ 6 V
5.5
15
μA
Quiescent current, I(q)
V(SENSE) = 0.9 V, V(VIN) = 5 V, 25°C, Rt = 400 kΩ
515
750
μA
ENABLE AND UVLO (EN PIN)
Rising
1.25
Enable threshold
V
Falling
1.18
Enable threshold + 50 mV
–1.6
Input current
μA
Enable threshold – 50 mV
–1.6
VOLTAGE REFERENCE (VSENSE PIN)
Voltage reference
2.95 V
≤ V(VIN) ≤ 6 V, –40°C <TJ < 150°C
0.79
0.8
0.811
V
MOSFET
V(BOOT-PH) = 5 V
12
30
High-side switch resistance
m
V(BOOT-PH) = 2.95 V
16
30
V(VIN) = 5 V
13
30
Low-side switch resistance
m
V(VIN) = 2.95 V
17
30
ERROR AMPLIFIER
Input current
2
nA
Error-amplifier transconductance (gm)
–2
μA < I(COMP) < 2 μA, V(COMP) = 1 V
245
μS
Error-amplifier transconductance (gm) during
–2
μA < I(COMP) < 2 μA, V(COMP) = 1 V,
79
μS
slow start
V(VSENSE) = 0.4 V
Error amplifier source and sink
V(COMP) = 1 V, 100-mV overdrive
±20
μA
COMP to high-side FET current gm
25
S
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54388-Q1


Similar Part No. - TPS54388-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54388-Q1 TI1-TPS54388-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs
More results

Similar Description - TPS54388-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com