Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54429E Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54429E
Description  7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54429E Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54429E_15 Datasheet HTML 2Page - Texas Instruments TPS54429E_15 Datasheet HTML 3Page - Texas Instruments TPS54429E_15 Datasheet HTML 4Page - Texas Instruments TPS54429E_15 Datasheet HTML 5Page - Texas Instruments TPS54429E_15 Datasheet HTML 6Page - Texas Instruments TPS54429E_15 Datasheet HTML 7Page - Texas Instruments TPS54429E_15 Datasheet HTML 8Page - Texas Instruments TPS54429E_15 Datasheet HTML 9Page - Texas Instruments TPS54429E_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SW
VBST
EN
VO
VFB
GND
PGND
VO
4
6
9
10
11
1
2
7
12
VIN1
SS
VIN
VREG5
EN
Logic
SW
PGND
UV
OV
Protection
Logic
Ref
SS
UV
OV
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
5
PG
13
8
VIN
Ceramic
Capacitor
3
GND
GND
PGND
VIN2
+20%
-10%
Ref
SW
PGND
ZC
GND
14
-30%
PGND
VREG5
VREG5
Control Logic
OCP
TPS54429E
SLVSAS0
– FEBRUARY 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
A.
The block diagram shown is for the PWP 14 pin package. The QFN 16 pin package block diagram is identical except
for the pin out.
6
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54429E


Similar Part No. - TPS54429E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429EPWP TI1-TPS54429EPWP Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429EPWPR TI1-TPS54429EPWPR Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429ERSAR TI1-TPS54429ERSAR Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54429ERSAT TI1-TPS54429ERSAT Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
More results

Similar Description - TPS54429E_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429 TI1-TPS54429 Datasheet
656Kb / 22P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down ( SWIFT?? Converter
TPS54429E TI1-TPS54429E Datasheet
887Kb / 26P
[Old version datasheet]   7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54328 TI1-TPS54328 Datasheet
667Kb / 21P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_10 Datasheet
658Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54426 TI-TPS54426_15 Datasheet
1Mb / 29P
[Old version datasheet]   4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS56628 TI1-TPS56628 Datasheet
1Mb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com