Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9066-211SB Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S9066-211SB
Description  Photo IC diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9066-211SB Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S9066-211SB_15 Datasheet HTML 1Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 2Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 3Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 4Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 5Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 6Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 7Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 8Page - Hamamatsu Corporation S9066-211SB_15 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Photo IC diodes
S9066-211SB, S9067-201CT
Photosensitive
surface
10°
10°
0.25
+0.15
-0.1
1.0
2.0
ϕ2.0 (Depth 0.15)
Anode
(Anode)
NC
Cathode
Tolerance unless otherwise
noted: ±0.1, ±2°
Shaded area indicates burr.
Values in parentheses indicate
reference value.
5.2 ± 0.3
(Includig burr)
Center of photosensitive area
Photosensitive area 0.46 × 0.32
(Specified at lead root)
(2 ×) ϕ1.0
(Depth 0.15)
2.5 ± 0.2
5.0
1.27 1.27 1.27
(4 ×) 0.55
(4 ×) 0.45
Photodiode
for signal offset
Cathode
Anode
CL
RL
Vout
Reverse bias
power supply
The drawing surrounded
by the dotted line shows
a schematic diagram of
the photo IC.
Current amp
(Approx. 30000 times)
Photodiode
for signal detection
Internal protection
resistance
(Approx. 150 Ω)
Operating circuit example
KPICC0091EC
The photo IC diode must be reverse-biased
so that a positive potential is applied to the
cathode.
To eliminate high-frequency components, we
recommend placing a load capacitance CL in
parallel with load resistance RL as a low-pass
filter.
KPICA0050EE
Dimensional outlines (unit: mm)
S9066-211SB
Cutoff frequency (fc)
2
πCLRL
1


Similar Part No. - S9066-211SB_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9066-111 HAMAMATSU-S9066-111 Datasheet
132Kb / 2P
   Photo IC diode Spectral response close to human eye sensitivity
More results

Similar Description - S9066-211SB_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7183 HAMAMATSU-S7183_15 Datasheet
251Kb / 8P
   Photo IC diodes
logo
KODENSHI_AUK CORP.
PIC0103SD KODENSHI-PIC0103SD Datasheet
171Kb / 2P
   Photo IC
logo
Toshiba Semiconductor
TPS831 TOSHIBA-TPS831 Datasheet
298Kb / 6P
   TOSHIlBA PHOTO IC SI MONOLITHIC PHOTO IC
logo
KODENSHI_AUK CORP.
HP-2MLR KODENSHI-HP-2MLR Datasheet
187Kb / 2P
   Photo diodes
HP-5FR2 KODENSHI-HP-5FR2 Datasheet
206Kb / 2P
   Photo diodes
HP5FR2 KODENSHI-HP5FR2 Datasheet
198Kb / 2P
   Photo diodes
SP-1CL3 KODENSHI-SP-1CL3 Datasheet
268Kb / 2P
   Photo diodes
SP-1CL3R2 KODENSHI-SP-1CL3R2 Datasheet
273Kb / 2P
   Photo diodes
HP-3MLR2 KODENSHI-HP-3MLR2 Datasheet
205Kb / 2P
   Photo diodes
HP-2FR4 KODENSHI-HP-2FR4 Datasheet
194Kb / 2P
   Photo diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com