Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3207-08 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # P3207-08
Description  PbSe photoconductive detectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P3207-08 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  P3207-08_15 Datasheet HTML 1Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 2Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 3Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 4Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 5Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 6Page - Hamamatsu Corporation P3207-08_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Cat. No. KSPD1073E03 Jul. 2013 DN
www.hamamatsu.com
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Thorshamnsgatan 35 16440 Kista, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
China: Hamamatsu Photonics (China) Co., Ltd.: 1201 Tower B, Jiaming Center, No.27 Dongsanhuan Beilu, Chaoyang District, Beijing 100020, China, Telephone: (86) 10-6586-6006, Fax: (86) 10-6586-2866
Product specifications are subject to change without prior notice due to improvements or other reasons. This document has been carefully prepared and the
information contained is believed to be accurate. In rare cases, however, there may be inaccuracies such as text errors. Before using these products, always
contact us for the delivery specification sheet to check the latest specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that
one year period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product
use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
Information described in this material is current as of July, 2013.
PbSe photoconductive detectors
P9696 series, P3207-08
Related information
∙ Notice
∙ Metal, ceramic, Plastic products/Precautions
Technical information
∙ infrared detector/technical information
Precautions
www.hamamatsu.com/sp/ssd/doc_en.html


Similar Part No. - P3207-08_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P3207-05 HAMAMATSU-P3207-05 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3207-05 HAMAMATSU-P3207-05 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P3207-07 HAMAMATSU-P3207-07 Datasheet
100Kb / 5P
   Infrared detectors with fast response and high sensitivity in 5 m wavelength band
More results

Similar Description - P3207-08_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
P9696 HAMAMATSU-P9696 Datasheet
109Kb / 2P
   PbSe photoconductive detector
P791 HAMAMATSU-P791_07 Datasheet
93Kb / 4P
   PbSe photoconductive detector
P791-11 HAMAMATSU-P791-11 Datasheet
174Kb / 4P
   PbSe photoconductive detector
P3257 HAMAMATSU-P3257_15 Datasheet
242Kb / 7P
   MCT photoconductive detectors
P6606 HAMAMATSU-P6606_15 Datasheet
822Kb / 5P
   InSb photoconductive detectors
P2748 HAMAMATSU-P2748_15 Datasheet
226Kb / 4P
   MCT photoconductive detectors
P2532-01 HAMAMATSU-P2532-01_15 Datasheet
124Kb / 4P
   Infrared detectors utilizing photoconductive effects
logo
VIGO Photonics S.A.
PCI VIGO-PCI Datasheet
695Kb / 2P
   1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PCI-2TE VIGO-PCI-2TE Datasheet
797Kb / 2P
   1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-4TE VIGO-PCI-4TE Datasheet
774Kb / 2P
   1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com