Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA524N6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BGA524N6
Description  Silicon Germanium Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA524N6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BGA524N6 Datasheet HTML 7Page - Infineon Technologies AG BGA524N6 Datasheet HTML 8Page - Infineon Technologies AG BGA524N6 Datasheet HTML 9Page - Infineon Technologies AG BGA524N6 Datasheet HTML 10Page - Infineon Technologies AG BGA524N6 Datasheet HTML 11Page - Infineon Technologies AG BGA524N6 Datasheet HTML 12Page - Infineon Technologies AG BGA524N6 Datasheet HTML 13Page - Infineon Technologies AG BGA524N6 Datasheet HTML 14Page - Infineon Technologies AG BGA524N6 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BGA524N6
Electrical Characteristics
Data Sheet
11
Revision 3.0, 2014-01-24
Table 5
Electrical Characteristics:1)
T
A = 25 °C, VCC = 2.8 V, VPON,ON = 2.8 V, VPON,OFF = 0 V,
f = 1550 - 1615 MHz (GPS / Glonass / Beidou / Galileo)
1) Based on the application described in chapter 3
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage
V
CC
1.5
3.3
V
Supply current
I
CC
–2.6
–mA
ON-mode
–0.2
3
μA
OFF-mode
Power On voltage
V
pon
1.0
Vcc
V
ON-mode
0
0.4
V
OFF-mode
Power On current
I
pon
–10
μA
ON-mode
––
1
μA
OFF-mode
Insertion power gain
|
S
21|
2
19.6
dB
Noise figure2)
2) PCB losses are subtracted
NF
–0.55
dB
Z
S =50 Ω
Input return loss
RL
in
–11
dB
Output return loss
RL
out
–18
dB
Reverse isolation
1/|
S
12|
2
–37
dB
Power gain settling time3)
3) To be within 1 dB of the final gain OFF- to ON-mode; to be within 3 dB of the final gain ON- to OFF-mode
t
S
–5
μs
OFF- to ON-mode
–5
μs
ON- to OFF-mode
Inband input 1dB-compression
point
IP
1dB
–-12
–dBm
Inband input 3rd-order intercept
point4)
4) Input power = -30 dBm for each tone
IIP
3
–-8
dBm
f
1 = 1575 MHz
f
2 = f1 +/-1 MHz
Out-of-band input 3rd-order
intercept point5)
5) Input power = -20 dBm for each tone
IIP
3oob
–-4
dBm
f
1 = 1712.7 MHz
f
2 = 1850 MHz
Stability
k
–> 3
f = 20 MHz ... 10 GHz


Similar Part No. - BGA524N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA5H1BN6 INFINEON-BGA5H1BN6 Datasheet
330Kb / 12P
   18dB High Gain Low Noise Amplifier for LTE Highband
Revision 2.2 2018-03-15
BGA5L1BN6 INFINEON-BGA5L1BN6 Datasheet
330Kb / 12P
   18dB High Gain Low Noise Amplifier for LTE Lowband
Revision 2.0 2018-03-15
BGA5M1BN6 INFINEON-BGA5M1BN6 Datasheet
330Kb / 12P
   18dB High Gain Low Noise Amplifier for LTE Midband
Revision 2.2 2018-03-15
More results

Similar Description - BGA524N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
BGA715L7 INFINEON-BGA715L7 Datasheet
342Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.2.1, October 2009
BGA231L7 INFINEON-BGA231L7 Datasheet
1Mb / 14P
   Silicon Germanium GPS Low Noise Amplifier
Revision 3.0, 2011-04-20
BGA925L6 INFINEON-BGA925L6 Datasheet
1Mb / 16P
   Silicon Germanium GNSS Low Noise Amplifier
Revision 3.0, 2012-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com