Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKB20N60T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKB20N60T
Description  IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKB20N60T Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKB20N60T Datasheet HTML 1Page - Infineon Technologies AG IKB20N60T Datasheet HTML 2Page - Infineon Technologies AG IKB20N60T Datasheet HTML 3Page - Infineon Technologies AG IKB20N60T Datasheet HTML 4Page - Infineon Technologies AG IKB20N60T Datasheet HTML 5Page - Infineon Technologies AG IKB20N60T Datasheet HTML 6Page - Infineon Technologies AG IKB20N60T Datasheet HTML 7Page - Infineon Technologies AG IKB20N60T Datasheet HTML 8Page - Infineon Technologies AG IKB20N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IKB20N60T
TRENCHSTOP
™ Series
p
IFAG IPC TD VLS
4
Rev. 2.6 20.09.2013
10H z
100H z
1kH z
10kH z
100kH z
0A
10A
20A
30A
40A
50A
60A
T
C = 1 1 0 ° C
T
C = 8 0 ° C
1V
10V
100V
1000V
0.1A
1A
10A
10µs
1ms
DC
t
p= 2 µs
50µs
10ms
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj  175C, D = 0.5, VCE = 400V,
VGE = 0/15V, rG = 12)
Figure 2. Safe operating area
(D = 0, TC = 25C, Tj 175C;
VGE=0/15V)
25°C
50°C
75°C
100°C 125°C 150°C
0W
20W
40W
60W
80W
100W
120W
140W
160W
25°C
75°C
125°C
0A
5A
10A
15A
20A
25A
30A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj  175C)
Figure 4. Collector current as a function of
case temperature
(VGE  15V, Tj  175C)
Ic
Ic


Similar Part No. - IKB20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKB20N60T INFINEON-IKB20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKB20N60TA INFINEON-IKB20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-21
More results

Similar Description - IKB20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKA10N60T INFINEON-IKA10N60T_13 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA15N60T INFINEON-IKA15N60T_13 Datasheet
570Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB10N60T INFINEON-IKB10N60T_15 Datasheet
643Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com