Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKD04N60R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKD04N60R
Description  IGBT with integrated diode in packages offering space saving advantage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD04N60R Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKD04N60R Datasheet HTML 1Page - Infineon Technologies AG IKD04N60R Datasheet HTML 2Page - Infineon Technologies AG IKD04N60R Datasheet HTML 3Page - Infineon Technologies AG IKD04N60R Datasheet HTML 4Page - Infineon Technologies AG IKD04N60R Datasheet HTML 5Page - Infineon Technologies AG IKD04N60R Datasheet HTML 6Page - Infineon Technologies AG IKD04N60R Datasheet HTML 7Page - Infineon Technologies AG IKD04N60R Datasheet HTML 8Page - Infineon Technologies AG IKD04N60R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IKD04N60R
TRENCHSTOPTMRC-Seriesforhardswitchingapplications
Rev.2.5,2014-03-12
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
StaticCharacteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V,IC=0.20mA
600
-
-
V
Collector-emitter saturation voltage
VCEsat
VGE=15.0V,IC=4.0A
Tvj=25°C
Tvj=175°C
-
-
1.65
1.85
2.10
-
V
Diode forward voltage
VF
VGE=0V,IF=4.0A
Tvj=25°C
Tvj=175°C
-
-
1.70
1.70
2.10
-
V
Gate-emitter threshold voltage
VGE(th)
IC=0.07mA,VCE=VGE
4.3
5.0
5.7
V
Zero gate voltage collector current
1)
ICES
VCE=600V,VGE=0V
Tvj=25°C
Tvj=175°C
-
-
-
-
40.0
1000.0
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V,IC=4.0A
-
2.2
-
S
Integrated gate resistor
rG
none
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DynamicCharacteristic
Input capacitance
Cies
-
305
-
Output capacitance
Coes
-
18
-
Reverse transfer capacitance
Cres
-
9
-
VCE=25V,VGE=0V,f=1MHz
pF
Gate charge
QG
VCC=480V,IC=4.0A,
VGE=15V
-
27.0
-
nC
Short circuit collector current
Max. 1000 short circuits
Time between short circuits:
≥ 1.0s
IC(SC)
VGE=15.0V,VCC
≤400V,
tSC
≤5µs
Tvj=25°C
-
31
-
A
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=25°C
Turn-on delay time
td(on)
-
14
-
ns
Rise time
tr
-
8
-
ns
Turn-off delay time
td(off)
-
146
-
ns
Fall time
tf
-
171
-
ns
Turn-on energy
Eon
-
0.09
-
mJ
Turn-off energy
Eoff
-
0.15
-
mJ
Total switching energy
Ets
-
0.24
-
mJ
Tvj=25°C,
VCC=400V,IC=4.0A,
VGE=0.0/15.0V,
rG=43.0
Ω,Lσ=60nH,
C
σ=40pF
L
σ,CσfromFig.E
1) Not subject to production test - verified by design/characterization


Similar Part No. - IKD04N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD04N60R INFINEON-IKD04N60R Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD04N60R INFINEON-IKD04N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD04N60RA INFINEON-IKD04N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD04N60RC2 INFINEON-IKD04N60RC2 Datasheet
1Mb / 16P
   Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD04N60RF INFINEON-IKD04N60RF Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
More results

Similar Description - IKD04N60R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AIHD04N60RF INFINEON-AIHD04N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD06N60R INFINEON-IKD06N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD15N60R INFINEON-IKD15N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD03N60RF INFINEON-IKD03N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD04N60RF INFINEON-IKD04N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
AIHD15N60RF INFINEON-AIHD15N60RF Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
V2.1 2017-02-09
IKD10N60R INFINEON-IKD10N60R_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD10N60RF INFINEON-IKD10N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
IKD15N60RF INFINEON-IKD15N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.3,2014-03-12
IKD06N60RF INFINEON-IKD06N60RF_14 Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.4,2014-03-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com