Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW50N65H5 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKW50N65H5
Description  High speed 5 IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft antiparallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW50N65H5 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKW50N65H5 Datasheet HTML 1Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 2Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 3Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 4Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 5Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 6Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 7Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 8Page - Infineon Technologies AG IKW50N65H5 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
IKW50N65H5
Highspeedswitchingseriesfifthgeneration
Rev.2.1,2015-05-06
MaximumRatings
Foroptimumlifetimeandreliability,Infineonrecommendsoperatingconditionsthatdonotexceed80%ofthemaximumratingsstatedinthisdatasheet.
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
650
V
DCcollectorcurrent,limitedbyTvjmax
TC=25°Cvaluelimitedbybondwire
TC=100°C
IC
80.0
56.0
A
Pulsedcollectorcurrent,tplimitedbyTvjmax
ICpuls
150.0
A
TurnoffsafeoperatingareaVCE
≤650V,Tvj≤175°C
-
150.0
A
Diodeforwardcurrent,limitedbyTvjmax
TC=25°Cvaluelimitedbybondwire
TC=100°C
IF
40.0
27.0
A
Diodepulsedcurrent,tplimitedbyTvjmax
IFpuls
150.0
A
Gate-emitter voltage
TransientGate-emittervoltage(tp
≤10µs,D<0.010)
VGE
±20
±30
V
PowerdissipationTC=25°C
PowerdissipationTC=100°C
Ptot
305.0
152.5
W
Operating junction temperature
Tvj
-40...+175
°C
Storage temperature
Tstg
-55...+150
°C
Soldering temperature,
wave soldering 1.6mm (0.063in.) from case for 10s
260
°C
Mounting torque, M3 screw
Maximum of mounting processes: 3
M
0.6
Nm
ThermalResistance
Parameter
Symbol Conditions
Max.Value
Unit
Characteristic
IGBT thermal resistance,
junction - case
Rth(j-c)
0.50
K/W
Diode thermal resistance,
junction - case
Rth(j-c)
1.50
K/W
Thermal resistance
junction - ambient
Rth(j-a)
40
K/W


Similar Part No. - IKW50N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5A INFINEON-IKW50N65H5A Datasheet
1Mb / 16P
   High speed switching series fifth generation
Rev.2.1,2015-01-15
More results

Similar Description - IKW50N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AIKW50N65DF5 INFINEON-AIKW50N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V2.1 2017-06-30
AIKW40N65DF5 INFINEON-AIKW40N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V2.1 2017-06-30
AIKB40N65DF5 INFINEON-AIKB40N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.2 2019-10-17
AIKB40N65DH5 INFINEON-AIKB40N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.1 2019-10-17
AIKB30N65DF5 INFINEON-AIKB30N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.1 2019-10-17
AIKB50N65DH5 INFINEON-AIKB50N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.1 2019-10-17
AIKW50N65DH5 INFINEON-AIKW50N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V2.1 2017-06-30
AIKW40N65DH5 INFINEON-AIKW40N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V2.1 2017-06-30
AIKB50N65DF5 INFINEON-AIKB50N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.1 2019-10-17
IKA08N65H5 INFINEON-IKA08N65H5 Datasheet
2Mb / 17P
   High speed 5 IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft anti parallel diode
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com