Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21310 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TDA21310
Description  Desktop and Server buck-converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21310 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TDA21310 Datasheet HTML 2Page - Infineon Technologies AG TDA21310 Datasheet HTML 3Page - Infineon Technologies AG TDA21310 Datasheet HTML 4Page - Infineon Technologies AG TDA21310 Datasheet HTML 5Page - Infineon Technologies AG TDA21310 Datasheet HTML 6Page - Infineon Technologies AG TDA21310 Datasheet HTML 7Page - Infineon Technologies AG TDA21310 Datasheet HTML 8Page - Infineon Technologies AG TDA21310 Datasheet HTML 9Page - Infineon Technologies AG TDA21310 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TDA21310
Description
Data Sheet
6
Revision 2.1, 2013-09-05
Table 3
Power Supply
Pin No.
Name
Pin Type Buffer Type Function
8 to 11, VIN pad
VIN
POWER
Input voltage
Supply of the drain of the high side MOSFET
31
VDRV
POWER
FET gate supply voltage
High and low side MOSFETs gate drive supply
32
VCIN
POWER
Logic supply voltage
5 V bias voltage for the internal logic
Table 4
Ground Pins
Pin No.
Name
Pin Type
Buffer Type Function
1
CGND
GND
Control signal ground
Should be connected to PGND externally
13 to 24, 30
PGND
GND
Power ground
All these pins must be connected to the power GND
plane through multiple low inductance vias.
Table 5
Not Connected
Pin No.
Name
Pin Type Buffer Type Function
2, 3
NC
No internal connection
Leave pin floating or tie to GND.


Similar Part No. - TDA21310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21302 INFINEON-TDA21302 Datasheet
588Kb / 25P
   Multi-Phase PWM Controller for CPU Core Power Supply
Version 1.2 , May 2004
TDA21320 INFINEON-TDA21320 Datasheet
1Mb / 36P
   Desktop and Server Vcore and non-Vcore buck-converter
TDA21321 INFINEON-TDA21321 Datasheet
1Mb / 32P
   Desktop and Server Vcore and non-Vcore buck-converter
More results

Similar Description - TDA21310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
   Desktop and Server VR buck-converter
2.1 2017-03-07
TDA21321 INFINEON-TDA21321 Datasheet
1Mb / 32P
   Desktop and Server Vcore and non-Vcore buck-converter
TDA21320 INFINEON-TDA21320 Datasheet
1Mb / 36P
   Desktop and Server Vcore and non-Vcore buck-converter
PX3519 INFINEON-PX3519 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.2, 2014-09-19
PX3519 INFINEON-PX3519_15 Datasheet
1Mb / 21P
   Desktop and Server VR12.X Vcore and non-Vcore buck-converters
Revision 2.3, 2015-10-21
BSC026N08NS5 INFINEON-BSC026N08NS5 Datasheet
1Mb / 12P
   Optimized for Synchronous Rectification in server and desktop
Rev.2.1,2015-08-31
logo
Linear Technology
LT8471EFE LINER-LT8471EFE Datasheet
401Kb / 6P
   Dual Output, Buck and Inverting Converter
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com