Electronic Components Datasheet Search |
|
SK54 Datasheet(PDF) 2 Page - Unisonic Technologies |
|
SK54 Datasheet(HTML) 2 Page - Unisonic Technologies |
2 / 3 page SK54 DIODE UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R601-092.C ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT DC Blocking Voltage VB 40 V RMS Voltage VRMS 28 V Recurrent Peak Reverse Voltage VR 40 V Average Forward Rectified Current IO 5.0 A Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed On Rated Load (JEDEC Method) IFSM 100 A Operating Junction Temperature TJ -55~+150 °C Storage Temperature TSTG -55~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 55 °C/W Junction to Lead θJL 16 °C/W ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Instantaneous Forward Voltage VF IFM=5.0A, TJ=25°C 0.55 V DC Reverse Current At TJ=25°C 1.0 mA Rated DC Blocking Voltage IR TJ=100°C 20 mA Junction Capacitance CJ Measured at 1.0MHz, VR=4.0V 200 pF Notes: 1. Pulse test: Pulse width 200μsec, Duty cycle 2%. 2. High temperature solder exemptions applied. |
Similar Part No. - SK54_15 |
|
Similar Description - SK54_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |