Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-EA-1805 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LB-EA-1805
Description  Thermally Conductive, Two-Part,Liquid Epoxy Adhesive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LB-EA-1805 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LB-EA-1805 Datasheet HTML 1Page - List of Unclassifed Manufacturers LB-EA-1805 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Liqui-Bond® EA 1805 is a two-component,
epoxy based, liquid-dispensable adhesive.
Liqui-Bond® EA 1805 has a thermal
conductivity of 1.8 W/mK.
Liqui-Bond® EA 1805 will be supplied in a
two-component format, and refrigeration is
not required.
Liqui-Bond® EA 1805 has a high bond
strength with room temperature cure that
can be accelerated with additional heat.
The high bond strength eliminates the
need for fasteners and maintains structural
bond in severe environments.
Recommended usage is filling any surface
irregularities between heat sources and
heat spreaders of similar CTE.
Liqui-Bond® EA 1805 is thixotropic and will
remain in place during dispensing, and the
material will flow easily under minimal
pressure resulting in thin bondlines and
very low stress placed on fragile
components during assembly.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Liqui-Bond® EA 1805 (Two-Part)
TYPICAL APPLICATIONS INCLUDE
• LED lighting
• Power supplies
• Discrete component to heat spreader
• Automotive lighting
• White goods
CONFIGURATIONS AVAILABLE
• Supplied in cartridge or kit form
PDS_LB_EA 1805_September 2014
FEATURES AND BENEFITS
• Room temperature cure
• Room temperature storage
• Thermal Conductivity: 1.8 W/m-K
• Eliminates need for mechanical fasteners
• Maintains structural bond in
severe-environment applications
• Excellent chemical and
mechanical stability
PRODUCT DESCRIPTION
Thermally Conductive, Two-Part,
Liquid Epoxy Adhesive
September 2014
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color / Part A
Gray
Gray
Visual
Color / Part B
Pale Yellow
Pale Yellow
Visual
Viscosity / Part A, High Shear (Pa-s) (1)
60
60
ASTM D2196
Viscosity / Part B, High Shear (Pa-s) (1)
62
62
ASTM D2196
Density (g/cc)
2.7
2.7
ASTM D792
Mix Ratio By Volume
1:1
1:1
Shelf Life @ 25°C (months)
6
6
PROPERTY AS CURED
Hardness (Shore D) (2)
90
90
ASTM D2240
Continuous Use Temp (°F) / (°C)
-40 to 257
-40 to 125
Shear Strength (psi) / (MPa) (3)
450
3.1
ASTM D1002
ELECTRICAL AS CURED
Dielectric Strength (V/mil) / (V/mm)
250
10,000
ASTM D149
Dielectric Constant (1000 Hz)
7.5
7.5
ASTM D150
Volume Resistivity (Ohm-meter)
1014
1014
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL AS CURED
Thermal Conductivity (W/m-K)
1.8
1.8
ASTM D5470
CURE SCHEDULE
Cure @ 25°C (hours)
10
10
Cure @ 125°C (min) (4)
10
10
1) Capillary Viscosity, 200/sec, Part A and B measured separately.
2) Thirty second delay value Shore D hardness scale.
3) Al to Al, cured at room temperature
4) 90% cure cycle - time after cure temperature is achieved at the interface. Ramp time is application dependent.
TYPICAL PROPERTIES OF LIQUI-BOND EA 1805


Similar Part No. - LB-EA-1805

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-E63C OSRAM-LB-E63C Datasheet
1Mb / 22P
   white PLCC-4 package, colorless clear resin
LB-E67C OSRAM-LB-E67C Datasheet
458Kb / 17P
   white P-LCC-4 package, colorless clear resin
LB-E6SG OSRAM-LB-E6SG Datasheet
604Kb / 21P
   white PLCC-4 package, colorless clear silicone resin
More results

Similar Description - LB-EA-1805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-SA-3505 ETC2-LB-SA-3505 Datasheet
483Kb / 2P
   Thermally Conductive,Two-Part,Liquid Silicone Adhesive
LB-SA-1000 ETC2-LB-SA-1000 Datasheet
409Kb / 2P
   Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-2000 ETC2-LB-SA-2000 Datasheet
484Kb / 2P
   Thermally Conductive, One-Part,Liquid Silicone Adhesive
LB-SA-1800 ETC2-LB-SA-1800 Datasheet
384Kb / 2P
   Thermally Conductive, One-Part,Liquid Silicone Adhesive
logo
3M Electronics
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
   3M??Thermally Conductive Epoxy Adhesive TC-2810
TC-2707 3M-TC-2707 Datasheet
239Kb / 4P
   3M??Thermally Conductive Epoxy Adhesive TC-2707
logo
TE Connectivity Ltd
10K3A1AM TEC-10K3A1AM Datasheet
110Kb / 4P
   Thermally conductive epoxy coating
10K3A1 TEC-10K3A1 Datasheet
113Kb / 5P
   Thermally conductive epoxy coating
2.2K3A1I TEC-2.2K3A1I Datasheet
119Kb / 4P
   Thermally conductive epoxy coating
logo
List of Unclassifed Man...
2815A ETC2-2815A Datasheet
333Kb / 3P
   THERMALLY CONDUCTIVE DIE ATTACH ADHESIVE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com