Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4288DY Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI4288DY
Description  Dual N-Channel 40 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4288DY Datasheet(HTML) 5 Page - Vishay Telefunken

  SI4288DY Datasheet HTML 1Page - Vishay Telefunken SI4288DY Datasheet HTML 2Page - Vishay Telefunken SI4288DY Datasheet HTML 3Page - Vishay Telefunken SI4288DY Datasheet HTML 4Page - Vishay Telefunken SI4288DY Datasheet HTML 5Page - Vishay Telefunken SI4288DY Datasheet HTML 6Page - Vishay Telefunken SI4288DY Datasheet HTML 7Page - Vishay Telefunken SI4288DY Datasheet HTML 8Page - Vishay Telefunken SI4288DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 67078
S10-2768-Rev. A, 29-Nov-10
www.vishay.com
5
Vishay Siliconix
Si4288DY
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
2
4
6
8
10
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Foot
0.0
0.8
1.6
2.4
3.2
4.0
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
T
A - Ambient Temperature (°C)


Similar Part No. - SI4288DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4288DY VISHAY-SI4288DY Datasheet
259Kb / 10P
   Dual N-Channel 40 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI4288DY VISHAY-SI4288DY Datasheet
192Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4288DY-T1-GE3 VISHAY-SI4288DY-T1-GE3 Datasheet
259Kb / 10P
   Dual N-Channel 40 V (D-S) MOSFET
Rev. A, 29-Nov-10
SI4288DY VISHAY-SI4288DY_V01 Datasheet
192Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4288DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com