Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54910 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS54910
Description  3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54910 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54910_15 Datasheet HTML 2Page - Texas Instruments TPS54910_15 Datasheet HTML 3Page - Texas Instruments TPS54910_15 Datasheet HTML 4Page - Texas Instruments TPS54910_15 Datasheet HTML 5Page - Texas Instruments TPS54910_15 Datasheet HTML 6Page - Texas Instruments TPS54910_15 Datasheet HTML 7Page - Texas Instruments TPS54910_15 Datasheet HTML 8Page - Texas Instruments TPS54910_15 Datasheet HTML 9Page - Texas Instruments TPS54910_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS54910
SLVS421C − MARCH 2002 − REVISED FEBRUARY 2005
www.ti.com
6
INTERNAL BLOCK DIAGRAM
Falling
Edge
Deglitch
Enable
Comparator
1.2 V
VIN
2.95 V
Hysteresis: 0.03 V
2.5 µs
Falling
and
Rising
Edge
Deglitch
2.5 µs
VIN UVLO
Comparator
Hysteresis: 0.16 V
Internal/External
Slow-start
(Internal Slow-start Time = 3.35 ms
Reference
VREF = 0.891 V
+
Error
Amplifier
Thermal
Shutdown
150°C
SHUTDOWN
SS_DIS
PWM
Comparator
OSC
Leading
Edge
Blanking
100 ns
RQ
S
Adaptive Dead-Time
and
Control Logic
SHUTDOWN
15 mΩ
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
CO
PGND
PWRGD
Falling
Edge
Deglitch
35 µs
VSENSE
SHUTDOWN
0.90 Vref
Hysteresis: 0.03 Vref
Powergood
Comparator
AGND
VBIAS
ILIM
Comparator
3 − 6 V
VO
SYNC
RT
COMP
VSENSE
SS/ENA
TPS54910
15 mΩ
LOUT
RELATED DC/DC PRODUCTS
D TPS40000—dc/dc controller
D TPS56300—dc/dc controller
D PT6600 series—9 A plugin modules


Similar Part No. - TPS54910_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54910_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54917 TI1-TPS54917 Datasheet
952Kb / 21P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com