Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44631 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44631
Description  75 Ohm BNC Male Connector Crimp-Solder Attachment For 1505A, High Definition
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44631 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44631 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44631 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE44631 REV 01
75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A, High Definition
PE44631 CAD Drawing


Similar Part No. - PE44631

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4463 PASTERNACK-PE4463 Datasheet
117Kb / 1P
   TNC FEMALE CLAM ATTACHMENT
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44632 PASTERNACK-PE44632 Datasheet
216Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PE44633 PASTERNACK-PE44633 Datasheet
282Kb / 1P
   N FEMALE BULKHEAD; CLAMP ATTACHMENT FOR RG178 & RG196
PE44634 PASTERNACK-PE44634 Datasheet
214Kb / 2P
   TNC Male Connector Crimp/Solder Attachment For RG8X, PE-C240, 0.240 inch
More results

Similar Description - PE44631

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44626 PASTERNACK-PE44626 Datasheet
206Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For 1505A
PE44632 PASTERNACK-PE44632 Datasheet
216Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A, High Definition
PE44624 PASTERNACK-PE44624 Datasheet
207Kb / 2P
   75 Ohm RCA Male Connector Crimp-Solder Attachment For 1505A
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
   75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
   75 Ohm BNC Male Connector Crimp/Solder Attachment
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4600 PASTERNACK-PE4600 Datasheet
257Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For RG11
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE44627 PASTERNACK-PE44627 Datasheet
206Kb / 2P
   75 Ohm BNC Male Connector Crimp/Solder Attachment For 1694A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com